Electronic Components Datasheet Search
  English  ▼

X  

DG442LE Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG442LE
Description  16 Ω, Low Charge Injection and Leakage, 12 V / 5 V / 3 V / ± 5 V Quad SPST Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG442LE Datasheet(HTML) 2 Page - Vishay Siliconix

  DG442LE Datasheet HTML 1Page - Vishay Siliconix DG442LE Datasheet HTML 2Page - Vishay Siliconix DG442LE Datasheet HTML 3Page - Vishay Siliconix DG442LE Datasheet HTML 4Page - Vishay Siliconix DG442LE Datasheet HTML 5Page - Vishay Siliconix DG442LE Datasheet HTML 6Page - Vishay Siliconix DG442LE Datasheet HTML 7Page - Vishay Siliconix DG442LE Datasheet HTML 8Page - Vishay Siliconix DG442LE Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
DG441LE, DG442LE
www.vishay.com
Vishay Siliconix
S16-0392-Rev. A, 07-Mar-16
2
Document Number: 76754
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Signals on SX, DX, or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads welded or soldered to PC board.
c. Derate 7 mW/°C above 75 °C.
d. Derate 7.6 mW/°C above 75 °C.
e. Derate 12 mW/°C above 75 °C.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
OODERING INFORMATION
TEMP. RANGE
CONFIGURATION
PACKAGE
PART NUMBER
MIN. ORDER / PACK. QUANTITY
-40 °C to +85 °C
Lead (Pb)-free
DG441LE
16-pin TSSOP
DG441LEDQ-GE3
Tube 360 units
DG441LEDQ-T1-GE3
Tape and reel, 3000 units
16-pin SOIC
DG441LEDY-GE3
Tube 500 units
DG441LEDY-T1-GE3
Tape and reel, 2500 units
16-pin PDIP
DG441LEDJ-GE3
Tube 500 units
DG442LE
16-pin TSSOP
DG442LEDQ-GE3
Tube 360 units
DG442LEDQ-T1-GE3
Tape and reel, 3000 units
16-pin SOIC
DG442LEDY-GE3
Tube 500 units
DG442LEDY-T1-GE3
Tape and reel, 2500 units
16-pin PDIP
DG442LEDJ-GE3
Tube 500 units
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
V+ to V-
-0.3 to +18
V
GND to V-A
18
Digital Inputs a VS, VD
GND -0.3 to (V +) + 0.3
or 30 mA, whichever occurs first
Continuous Current (any terminal)
30
mA
Current, S or D (pulsed 1 ms, 10 % duty cycle)
100
Storage Temperature
(DQ, DY suffix)
-65 to +125
°C
(AK suffix)
-65 to +150
Power Dissipation (packages) b
16-pin TSSOP c
450
mW
16-pin narrow body SOIC d
650
16-pin CerDIP e
900
ESD Human Body Model (HBM); per ANSI / ESDA / JEDEC® JS-001
2500
V
Latch Up Current, per JESD78D
400
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com