Electronic Components Datasheet Search
  English  ▼

X  

DG451 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG451
Description  High Voltage 4-Ω Quad SPST CMOS Analog Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG451 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG451 Datasheet HTML 1Page - Vishay Siliconix DG451 Datasheet HTML 2Page - Vishay Siliconix DG451 Datasheet HTML 3Page - Vishay Siliconix DG451 Datasheet HTML 4Page - Vishay Siliconix DG451 Datasheet HTML 5Page - Vishay Siliconix DG451 Datasheet HTML 6Page - Vishay Siliconix DG451 Datasheet HTML 7Page - Vishay Siliconix DG451 Datasheet HTML 8Page - Vishay Siliconix DG451 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Vishay Siliconix
DG451, DG452, DG453
Document Number: 74470
S09-2550-Rev. E, 30-Nov-09
www.vishay.com
1
High Voltage 4-
Ω Quad SPST CMOS Analog Switch
FEATURES
•
Low on-resistance (4
Ω typical)
•
On-resistance flatness (0.2
Ω typical)
•
100 mA continuous current
•
44 V supply maximum rating
•
± 15 V analog signal range
•
Fully specified at supply voltages of ± 5 V, 12 V and ± 15 V
•
Ultra low power dissipation of (18 µW)
•
Fast switching speed:
- ton 80 ns
- toff 60 ns
•
TTL/CMOS compatible
•
ESD protection 2 kV
• Pin compatible with DG411, DG412, and DG413
•
Compliant to RoHS directive 2002/95/EC
APPLICATIONS
•
Audio and video signal switching
•
Precision automatic test equipment
•
Precision data acquisition
•
Relay replacement
•
Communications systems
•
Automotive and avionics applications
•
Sample and hold systems
DESCRIPTION
The DG451 series has four independently selectable high
voltage (44 V) SPST switches, each with a typical on
resistance of 4
Ω and a typical flatness of 0.2 Ω, ideal
parameters for low distortion audio signal switching.
The DG451 (NC) and DG452 (NO) are identical except for
the digital logic control input, which is inverted as shown in
the Truth Table. The DG453 has two normally closed and
two normally open switches.
These are high voltage switches that are fully specified with
dual supplies at ± 5 V and ± 15 V and a single supply of
12 V and operating with ultra low power dissipation (18 µW).
Fast switching speeds coupled with high signal bandwidth
makes these parts suitable for video switching applications.
All digital inputs have 0.8 V and 2.4 V logic thresholds
ensuring low voltage TTL/CMOS compatibility. Each switch
conducts equally well in both directions when on and can
handle an input signal range that extends to the supply
voltage rails.
The DG451, DG452, and DG453 are pin compatible with the
DG411, DG412, and DG413.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
TRUTH TABLE
Logic
DG451
DG452
0On
Off
1Off
On
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
IN1
IN2
D1
D2
S1
S2
V-
V+
GND
VL
S4
S3
D4
D3
IN4
IN3
TSSOP16 and SOIC16
DG451
TRUTH TABLE
Logic
SW1, SW4
SW2, SW3
0
Off
On
1On
Off
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
IN1
IN2
D1
D2
S1
S2
V-
V+
GND
VL
S4
S3
D4
D3
IN4
IN3
TSSOP16 and SOIC16
DG453
RoHS
COMPLIANT


Similar Part No. - DG451

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG451 INTERSIL-DG451 Datasheet
213Kb / 4P
2 CHANNEL DRIVERS WITH SPST AND DPST FET SWITCHES
logo
Vishay Siliconix
DG451 VISHAY-DG451 Datasheet
182Kb / 9P
High Voltage 4-Ω Quad SPST CMOS Analog Switch
09-Jun-08
DG451 VISHAY-DG451 Datasheet
200Kb / 12P
High Voltage 4-ohm Quad SPST CMOS Analog Switch
30-Nov-09
logo
Intersil Corporation
DG451A INTERSIL-DG451A Datasheet
213Kb / 4P
2 CHANNEL DRIVERS WITH SPST AND DPST FET SWITCHES
logo
Vishay Siliconix
DG451EQ-T1-E3 VISHAY-DG451EQ-T1-E3 Datasheet
182Kb / 9P
High Voltage 4-Ω Quad SPST CMOS Analog Switch
09-Jun-08
More results

Similar Description - DG451

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG201 INTERSIL-DG201 Datasheet
85Kb / 7P
CMOS Quad SPST Analog Switch
January 2000
logo
Maxim Integrated Produc...
HI-201 MAXIM-HI-201 Datasheet
199Kb / 8P
Quad SPST CMOS Analog Switch
logo
Intersil Corporation
DG201 INTERSIL-DG201_01 Datasheet
173Kb / 7P
CMOS Quad SPST Analog Switch
May 2001
logo
Vishay Siliconix
DG451 VISHAY-DG451 Datasheet
182Kb / 9P
High Voltage 4-Ω Quad SPST CMOS Analog Switch
09-Jun-08
DG454 VISHAY-DG454 Datasheet
180Kb / 9P
High Voltage 4-Ω Quad SPST CMOS Analog Switch
09-Jun-08
DG451 VISHAY-DG451_09 Datasheet
200Kb / 12P
High Voltage 4-ohm Quad SPST CMOS Analog Switch
30-Nov-09
DG454 VISHAY-DG454_09 Datasheet
199Kb / 12P
High Voltage 4-ohm Quad SPST CMOS Analog Switch
30-Nov-09
logo
Analog Devices
AD7516 AD-AD7516_15 Datasheet
730Kb / 2P
CMOS QUAD SPST ANALOG SWITCH
logo
Vishay Siliconix
DG454 VISHAY-DG454_V01 Datasheet
252Kb / 13P
High Voltage 4 Ω Quad SPST CMOS Analog Switch
22-Oct-12
logo
Renesas Technology Corp
HI-201 RENESAS-HI-201 Datasheet
561Kb / 11P
Quad SPST CMOS Analog Switch
April 9, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com