Electronic Components Datasheet Search
  English  ▼

X  

DG419LDY Datasheet(PDF) 12 Page - Vishay Siliconix

Part # DG419LDY
Description  Precision Monolithic Low-Voltage CMOS Analog Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG419LDY Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button DG419LDY Datasheet HTML 6Page - Vishay Siliconix DG419LDY Datasheet HTML 7Page - Vishay Siliconix DG419LDY Datasheet HTML 8Page - Vishay Siliconix DG419LDY Datasheet HTML 9Page - Vishay Siliconix DG419LDY Datasheet HTML 10Page - Vishay Siliconix DG419LDY Datasheet HTML 11Page - Vishay Siliconix DG419LDY Datasheet HTML 12Page - Vishay Siliconix DG419LDY Datasheet HTML 13Page - Vishay Siliconix DG419LDY Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
NOTES:
1.
Die thickness allowable is 0.203
"0.0127.
2.
Dimensioning and tolerances per ANSI.Y14.5M-1994.
3.
Dimensions “D” and “E1” do not include mold flash or protrusions, and are
measured at Datum plane -H- , mold flash or protrusions shall not exceed
0.15 mm per side.
4.
Dimension is the length of terminal for soldering to a substrate.
5.
Terminal positions are shown for reference only.
6.
Formed leads shall be planar with respect to one another within 0.10 mm at
seating plane.
7.
The lead width dimension does not include Dambar protrusion. Allowable
Dambar protrusion shall be 0.08 mm total in excess of the lead width
dimension at maximum material condition. Dambar cannot be located on the
lower radius or the lead foot. Minimum space between protrusions and an
adjacent lead to be 0.14 mm. See detail “B” and Section “C-C”.
8.
Section “C-C” to be determined at 0.10 mm to 0.25 mm from the lead tip.
9.
Controlling dimension: millimeters.
10. This part is compliant with JEDEC registration MO-187, variation AA and BA.
11. Datums -A- and -B- to be determined Datum plane -H- .
12. Exposed pad area in bottom side is the same as teh leadframe pad size.
5
N N-1
A B C 0.20
(N/2) Tips)
2X
N/2
2
1
0.60
0.50
E
Top View
e
See Detail “B”
-H-
3
D
-A-
Seating Plane
A1
A
6
C
0.10
Side View
0.25
BSC
T
4
L
-C-
Seating Plane
0.07 R. Min
2 Places
Parting Line
Detail “A”
(Scale: 30/1)
0.48 Max
Detail “B”
(Scale: 30/1)
Dambar Protrusion
7
C
0.08 M
B S
A
S
b
b1
With Plating
Base Metal
c1
c
Section “C-C”
Scale: 100/1
(See Note 8)
See Detail “A”
A2
0.05 S
C
C
ς
3
E1
-B-
End View
e1
0.95
Package Information
Vishay Siliconix
Document Number: 71244
12-Jul-02
www.vishay.com
1
MSOP:
8−LEADS
JEDEC Part Number: MO-187, (Variation AA and BA)
N = 8L
MILLIMETERS
Dim
Min
Nom
Max
Note
A
-
-
1.10
A1
0.05
0.10
0.15
A2
0.75
0.85
0.95
b
0.25
-
0.38
8
b1
0.25
0.30
0.33
8
c
0.13
-
0.23
c1
0.13
0.15
0.18
D
3.00 BSC
3
E
4.90 BSC
E1
2.90
3.00
3.10
3
e
0.65 BSC
e1
1.95 BSC
L
0.40
0.55
0.70
4
N
8
5
T
0
_
4
_
6
_
ECN: T-02080—Rev. C, 15-Jul-02
DWG: 5867



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com