Electronic Components Datasheet Search
  English  ▼

X  

DG604 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG604
Description  1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG604 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG604 Datasheet HTML 1Page - Vishay Siliconix DG604 Datasheet HTML 2Page - Vishay Siliconix DG604 Datasheet HTML 3Page - Vishay Siliconix DG604 Datasheet HTML 4Page - Vishay Siliconix DG604 Datasheet HTML 5Page - Vishay Siliconix DG604 Datasheet HTML 6Page - Vishay Siliconix DG604 Datasheet HTML 7Page - Vishay Siliconix DG604 Datasheet HTML 8Page - Vishay Siliconix DG604 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Vishay Siliconix
DG604
Document Number: 69934
S11-1429-Rev. C, 18-Jul-11
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
DESCRIPTION
The DG604 is an analog 4-channel CMOS, multiplexer,
designed to operate from a + 2.7 V to + 12 V single supply or
from ± 2.7 V to ± 5 V, dual supplies. The DG604 is fully
specified at + 3 V, + 5 V and ± 5 V. All control logic inputs have
guaranteed 2 V logic high limits when operating from + 5 V or
± 5 V supplies and 1.4 V when operating from a 3 V supply.
The DG604 switches conduct equally well in both directions
and offer rail to rail analog signal handling. < 1 pC low charge
injection, coupled with very low switch capacitance and
leakage current makes this product ideal for use in precision
instrumentation applications. Operating temperature range is
specified from - 40 °C to + 125 °C. The DG604 is available in
14 lead TSSOP and the space saving 1.8 mm x 2.6 mm
miniQFN package.
FEATURES
•
Halogen-free according to IEC 61249-2-21
Definition
•
Ultra low charge injection
(± 1 pC, typ. over the full analog signal range)
•
Leakage current < 0.5 nA max. at 85 °C
(for DG604EQ-T1-E3)
•
Low switch capacitance (Csoff, 3 pF typ.)
•Low RDS(on) - 115  max.
•
Fully specified with single supply operation at 3 V, 5 V
and dual supplies at ± 5 V
•
Low voltage, 2.5 V CMOS/TTL compatible
•
400 MHz, - 3 dB bandwidth
•
Excellent
isolation
and
crosstalk
performance
(typ. > - 60 dB at 10 MHz)
•
Fully specified from - 40 °C to 85 °C and - 40 °C to + 125 °C
•
14
pin
TSSOP
and
16
pin
miniQFN
package
(1.8 mm x 2.6 mm)
•
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
•
High-end data acquisition
•
Medical instruments
•
Precision instruments
•
High speed communications applications
•
Automated test equipment
•
Sample and hold applications
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
Pin 1
Device Marking: Txx for DG604
(miniQFN16)
xx = Date/Lot Traceability Code
Txx
S2
V-
S1
V+
S4
S3
1
2
3
4
9
10
11
12
5
8
7
6
13
14
NC
16
D
A1
NC
A0
ENABLE
NC
GND
NC
Top View
DG604
mQFN-16
Logic
15
NC
S3
NC
S4
9
10
11
12
GND
NC
V+
A1
8
14
13
V-
S1
S2
NC
A0
ENABLE
D
3
4
5
6
1
2
7
Top View
DG604
TSSOP14
6
Logic


Similar Part No. - DG604

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG604 VISHAY-DG604 Datasheet
190Kb / 10P
1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
24-Dec-07
DG604 VISHAY-DG604 Datasheet
215Kb / 12P
1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
18-Jul-11
logo
TOKO, Inc
DG6045C TOKO-DG6045C Datasheet
88Kb / 1P
Low Profile (H 4.5mm Max).
DG6045C TOKO-DG6045C_16 Datasheet
261Kb / 1P
Ferrite Inductors
logo
Vishay Siliconix
DG604E VISHAY-DG604E Datasheet
273Kb / 17P
The DG604E operating temperature range is specified from
17-Jul-17
More results

Similar Description - DG604

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG604 AD-ADG604 Datasheet
155Kb / 12P
1 pC Charge Injection, 100 pA Leakage CMOS 짹5 V/5 V/3 V 4-Channel Multiplexer
REV. 0
logo
Vishay Siliconix
DG604 VISHAY-DG604 Datasheet
190Kb / 10P
1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
24-Dec-07
DG604 VISHAY-DG604_11 Datasheet
215Kb / 12P
1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
18-Jul-11
logo
Analog Devices
ADG604 AD-ADG604_15 Datasheet
162Kb / 12P
1 pC Charge Injection, 100 pA Leakage
REV. 0
ADG611 AD-ADG611_15 Datasheet
361Kb / 16P
1 pC Charge Injection, 100 pA Leakage
REV. A
ADG612 AD-ADG612_15 Datasheet
361Kb / 16P
1 pC Charge Injection, 100 pA Leakage
REV. A
ADG613 AD-ADG613_15 Datasheet
361Kb / 16P
1 pC Charge Injection, 100 pA Leakage
REV. A
ADG636 AD-ADG636_15 Datasheet
498Kb / 16P
1 pC Charge Injection, 100 pA Leakage
REV. B
logo
Vishay Siliconix
DG611E VISHAY-DG611E Datasheet
410Kb / 18P
1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
24-Apr-17
DG611A VISHAY-DG611A_V01 Datasheet
327Kb / 17P
1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
30-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com