Electronic Components Datasheet Search
  English  ▼

X  

DG641 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG641
Description  Low On-Resistance Wideband/Video Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG641 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG641 Datasheet HTML 1Page - Vishay Siliconix DG641 Datasheet HTML 2Page - Vishay Siliconix DG641 Datasheet HTML 3Page - Vishay Siliconix DG641 Datasheet HTML 4Page - Vishay Siliconix DG641 Datasheet HTML 5Page - Vishay Siliconix DG641 Datasheet HTML 6Page - Vishay Siliconix DG641 Datasheet HTML 7Page - Vishay Siliconix DG641 Datasheet HTML 8Page - Vishay Siliconix DG641 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.vishay.com
2
Document Number: 70058
S11-0154-Rev. F, 31-Jan-11
Vishay Siliconix
DG641, DG642, DG643
Notes:
a. Signals on SX, DX, or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads welded or soldered to PC board.
c. Derate 7.6 mW/°C above 75 °C.
d. Derate 6 mW/°C above 75 °C.
e. Derate 80 mW/°C above 75 °C.
SCHEMATIC DIAGRAM (Typical Channel)
ORDERING INFORMATION
Temp. Range
Package
Part Number
DG641
- 40 °C to 85 °C
16-Pin Plastic DIP
DG641DJ
16-Pin Narrow SOIC
DG641DY
DG642
- 40 °C to 85 °C
8-Pin Plastic DIP
DG642DJ
8-Pin Narrow SOIC
DG642DY
DG643
- 40 °C to 85 °C
16-Pin Plastic DIP
DG643DJ
16-Pin Narrow SOIC
DG643DY
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
V+ to V-
- 0.3 to 21
V
V+ to GND
- 0.3 to 21
V- to GND
- 19 to + 0.3
Digital Inputs
(V-) - 0.3 V to (V+) + 0.3 V
or 20 mA, whichever occurs first
VS, VD
(V-) - 0.3 V to (V+) + 14 V
or 20 mA, whichever occurs first
Continuous Current (Any terminal except S or D)
20
mA
Continuous Current S or D
DG641, DG643
75
DG642
100
Current, S or D
(Pulsed at 1 ms, 10 % duty cycle max)
DG641, DG643
200
DG642
300
Storage Temperature
- 65 to 125
°C
Power Dissipation (Package)b
8-Pin Plastic DIP and Narrow SOICc
300
mW
16-Pin Plastic DIPd
470
16-Pin Narrow SOICe
600
Figure 1.
D
S
V+
IN
V-
5 V
Reg
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com