Electronic Components Datasheet Search
  English  ▼

X  

MSK1902 Datasheet(PDF) 6 Page - M.S. Kennedy Corporation

Part # MSK1902
Description  HIGH SPEED/HIGH VOLTAGE VIDEO AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK1902 Datasheet(HTML) 6 Page - M.S. Kennedy Corporation

  MSK1902 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK1902 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK1902 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK1902 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK1902 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK1902 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MECHANICAL SPECIFICATIONS
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make
changes to its products or specifications without notice, however, and assumes no liability for the use of its products.
Please visit our website for the most recent revision of this datasheet.
M.S. Kennedy Corp.
4707 Dey Road, Liverpool, New York 13088
Phone (315) 701-6751
FAX (315) 701-6752
www.mskennedy.com
Rev. B 2/03
PART
NUMBER
MSK 1902-0
MSK 1902B-0
MSK 1902E-0
5962-8997201HX
MSK 1902-2
MSK 1902B-2
MSK1902E-2
5962-8997202HX
MSK 1902-4
MSK 1902B-4
MSK1902E-4
MSK 1902-6
MSK 1902B-6
MSK1902E-6
+VHV
MAX
INTERNAL
RP
4.0nS
4.0nS
4.0nS
4.0nS
3.4nS
3.4nS
3.4nS
3.4nS
2.3nS
2.3nS
2.3nS
6.5nS
6.5nS
6.5nS
TYPICAL
RISE TIME
SCREENING
LEVEL
Industrial
Mil-PRF-38534 Class H
Extended Reliability
DSCC-SMD
Industrial
Mil-PRF-38534 Class H
Extended Reliability
DSCC-SMD
Industrial
Mil-PRF-38534 Class H
Extended Reliability
Industrial
Mil-PRF-38534 Class H
Extended Reliability
ORDERING INFORMATION
ALL DIMENSIONS ARE ±0.010 INCHES UNLESS OTHERWISE LABELED.
ESD TRIANGLE INDICATES PIN 1.
6
NONE
NONE
NONE
NONE
400
400
400
400
200
200
200
400
400
400
110V
110V
110V
110V
110V
110V
110V
110V
75V
75V
75V
130V
130V
130V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com