| Electronic Components Datasheet Search |
|
MSK1922 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation |
|
|
|||||||||||||||||||||||||||||
MSK1922 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation |
|
2 / 6 page ![]() VCM=0V @ +15V VCM=0V @ -10.5V QOUT and QCAS VCM=0V VBLANK=0.4V VBLANK=2.4V VOFF=1V VGAIN=5V Normal Operation VCM=±0.5V F=10Hz Either Input F=DC Either Input VBLANK=2.4V VIN=0.3V ∆V=VHV-VOUT ∆VGAIN=5V +VCC and -VEE=Nom ±5% IOUT<2mA ∆V=VHV-VOUT VOFF=1V VBLANK=2.4V VGAIN=5V ∆V=VHV-VOUT VOFF=0V VGAIN=3V ∆V=VHV-VOUT VOFF=5V VIN=0.6V F=10KHz VGAIN=4V Both Inputs VGAIN=4V F=10KHz VGAIN=4V F=10KHz VIN=0.6V TR=TF<0.2nS (input) VGAIN =4V VOFF=1V VCM=0.5V VOFF=1V VIN=2.0V VCM=0.5V Quiescent Current Blank Input Current ∆V Blank Mode Voltage Gain STATIC High Voltage Supply Thermal Resistance to Case INPUT Input Bias Current Offset Adjust Input Current Gain Adjust Input Current Blank Input Pulse Width Common Mode Rejection Ratio Input Impedance Input Capacitance Blank Mode Input Rejection ∆V Gain Adjust Rejection ∆V Power Supply Rejection Ratio Internal Rp OUTPUT Reference Output Voltage ∆V Min Offset ∆V Max Offset Output Voltage High Output Voltage Low Transition Times Linearity Error Gain Linearity Thermal Distortion High Voltage Supply Positive Supply Voltage Negative Supply Voltage Differential Input Voltage Common Mode Input Voltage Gain Adjust Input Voltage Offset Adjust Input Voltage -0.6 to +6V 5mA -40°C to +150°C 300°C 175°C 290mA -40°C to +125°C ABSOLUTE MAXIMUM RATINGS 1 2 3 4 +VCC = +15V, -VEE = -10.5V, VBLANK = VGAIN = VOFF = ±VIN = 0V, CL=10pF, TC=25°C unless otherwise specified. This parameter is guaranteed by design but need not be tested. Typical parameters are representative of actual device performance but are for reference only. ∆V is defined as the difference between +VHV and the output. Parameter is 100% tested on production devices. +75V +17V -12V 2V ±2V -0.6 to +6V -0.6 to +6V +VHV VCC VEE VIN VIC VGAIN VOFF VBLANK IREF TST TLD TJ IRP TC ELECTRICAL SPECIFICATIONS NOTES: Rev. D 4/02 2 Blank Input Voltage Reference Output Current Storage Temperature Range Lead Temperature Range (10 Seconds) Junction Temperature Current Through Rp Case Operating Temperature Units mA mA V °C/W µA µA µA µA µA nS dB Ω pF mV dB Ω V V V V V nS %GS % %GS Min. - - 30 - - - - - - 30 - 10K - - 25 140 5.2 0 11 65 - - - - - Typ. 75 -75 70 24 ±1 500 300 2 2 - 40 20K 2 - 30 150 5.5 2 16 68 10 1.5 - - - Max. 100 -100 75 26 ±50 600 400 10 10 - - - - - 160 5.8 6 21 - 20 - ±2 ±2 ±2 MSK1922 Test Conditions 1 2 2 2 2 2 2 2 2 2 2 2 3 2 3 4 3 3 4 4 2 4 2 3 4 2 3 2 2 2 Parameter - - ±2xRp ±10xRp -3xRp Rp 3xRp 40 54 64 mV mV V/V |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |