Electronic Components Datasheet Search
  English  ▼

X  

MSK4410D Datasheet(PDF) 8 Page - M.S. Kennedy Corporation

Part # MSK4410D
Description  10 AMP, 55V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4410D Datasheet(HTML) 8 Page - M.S. Kennedy Corporation

  MSK4410D Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4410D Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4410D Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4410D Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4410D Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4410D Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4410D Datasheet HTML 7Page - M.S. Kennedy Corporation MSK4410D Datasheet HTML 8Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make
changes to its products or specifications without notice, however, and assumes no liability for the use of its products.
Please visit our website for the most recent revision of this datasheet.
MECHANICAL SPECIFICATIONS
M.S. Kennedy Corp.
4707 Dey Road Liverpool, New York 13088
Phone (315) 701-6751
FAX (315) 701-6752
www.mskennedy.com
8
ORDERING INFORMATION
NOTE: ALL DIMENSIONS ARE INCHES UNLESS OTHERWISE LABELED.
ESD Triangle Indicates Pin 1.
Rev. B
11/04
Screening
Level
Part
Number
MSK4410S
MSK4410D
MSK4410U
MSK4410G
Industrial
Industrial
Industrial
Industrial
Lead
Configuration
Straight
Down
Up
Gull Wing



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com