Electronic Components Datasheet Search
  English  ▼

X  

8022595 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8022595
Description  Electric actuator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8022595 Datasheet(HTML) 1 Page - Festo Corporation.

  8022595 Datasheet HTML 1Page - Festo Corporation. 8022595 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electric actuator
ESBF-BS-50-300-10P
Part number: 8022595
Data sheet
Feature
Value
Size
50
Stroke
300 mm
Piston rod thread
M16x1.5
Reversing backlash
30 µm
Screw diameter
20 mm
Spindle pitch
10 mm/U
Max. angle of rotation of the piston rod +/-
0.15 deg
Based on norm
ISO 15552
Mounting position
Any
Piston rod end
External thread
Motor type
Stepper motor
Servo motor
Position sensing
For proximity sensor
Structural design
Electric actuator with ball screw
Spindle type
Ball screw
Symbol
00991941
Protection against torsion/guide
With plain-bearing guide
Max. acceleration
15 m/s²
Max. speed
0.67 m/s
Repetition accuracy
±0.01 mm
Duty cycle
100%
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS conformity
VDMA24364 zone III
Storage temperature
-20 °C ... 60 °C
For use in the food industry
See supplementary material information
Relative air humidity
0 - 95 %
Degree of protection
IP40
Ambient temperature
0 °C ... 60 °C
Max. driving torque
9.2 Nm
Max. radial force on actuator shaft
300 N
Max. feed force Fx
5000 N
No-load driving torque
0.3 Nm
Guide value for payload, horizontal
500 kg
Guide value for payload, vertical
500 kg
Mass moment of inertia JH per meter of stroke
1.0424 kgcm²
Mass moment of inertia JL per kg of payload
0.025 kgcm²
5/8/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 8022595

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8022590 FESTO-8022590 Datasheet
91Kb / 2P
Electric actuator
5/8/22
8022591 FESTO-8022591 Datasheet
91Kb / 2P
Electric actuator
5/8/22
8022592 FESTO-8022592 Datasheet
91Kb / 2P
Electric actuator
5/8/22
8022593 FESTO-8022593 Datasheet
91Kb / 2P
Electric actuator
5/8/22
8022594 FESTO-8022594 Datasheet
91Kb / 2P
Electric actuator
5/8/22
More results

Similar Description - 8022595

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
1347391 FESTO-1347391 Datasheet
92Kb / 2P
Electric actuator
5/8/22
574095 FESTO-574095 Datasheet
92Kb / 2P
Electric actuator
5/8/22
574099 FESTO-574099 Datasheet
92Kb / 2P
Electric actuator
5/8/22
574120 FESTO-574120 Datasheet
91Kb / 2P
Electric actuator
5/8/22
574125 FESTO-574125 Datasheet
91Kb / 2P
Electric actuator
5/8/22
1347393 FESTO-1347393 Datasheet
91Kb / 2P
Electric actuator
5/8/22
2215386 FESTO-2215386 Datasheet
91Kb / 2P
Electric actuator
5/8/22
2295383 FESTO-2295383 Datasheet
85Kb / 2P
Electric actuator
5/8/22
8022564 FESTO-8022564 Datasheet
92Kb / 2P
Electric actuator
5/8/22
8022565 FESTO-8022565 Datasheet
91Kb / 2P
Electric actuator
5/8/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com