Electronic Components Datasheet Search
  English  ▼

X  

MSK4801 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK4801
Description  600V/600A HALF BRIDGE PEM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4801 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK4801 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4801 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4801 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4801 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4801 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4801 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
4801
FEATURES:
Half Bridge Configuration
600V Rated Voltage
600A Continuous Output Current
Internal Zener Clamps on Gates
Proprietary Encapsulation Provides Near Hermetic Performance
MIL-PRF-38534 Screening Available (Modified)
Light Weight Ultra-Flat AlSiC Baseplate
Robust Mechanical Design for Hi-Rel Applications
Ultra-Low Inductance Internal Layout
Withstands HAST and Thermal Cycling (-55°C to +125°C)
High Side Collector Sense Pin for De-Sat Detection
MIL-PRF-38534 CERTIFIED
600V/600A
HALF BRIDGE PEM
EQUIVALENT SCHEMATIC
DESCRIPTION:
The MSK 4801 is one of a family of Plastic Encapsulated Modules (PEM) developed specifically for use in military,
aerospace and other severe environment applications. The half bridge configuration and 600 volt/600 amp rating make it
ideal for use in high current motor drive and inverter applications. The Aluminum Silicon Carbide (AlSiC) baseplate offers
superior flatness and light weight; far better than the copper or copper alloys found in most high power plastic modules.
The high thermal conductivity materials used to construct the MSK 4801 allow high power outputs at elevated baseplate
temperatures. Our proprietary coating, SEES™ - Severe Environment Encapsulation System - protects the internal circuitry
of MSK PEM's from moisture and contamination, allowing them to pass the rugged environmental screening requirements
of military and aerospace applications. MSK PEM's are also available with industry standard silicone gel coatings for a
lower cost option.
TYPICAL APPLICATIONS
ISO-9001 CERTIFIED BY DSCC
PRELIMINARY Rev. -
11/03
1
Motor Drives
Inverters


Similar Part No. - MSK4801

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4800 MSK-MSK4800 Datasheet
718Kb / 5P
600V/450A HALF BRIDGE PEM
logo
Anaren Microwave
MSK4800 ANAREN-MSK4800 Datasheet
821Kb / 8P
600V/450A HALF BRIDGE PEM
logo
M.S. Kennedy Corporatio...
MSK4800E MSK-MSK4800E Datasheet
718Kb / 5P
600V/450A HALF BRIDGE PEM
MSK4800H MSK-MSK4800H Datasheet
718Kb / 5P
600V/450A HALF BRIDGE PEM
logo
Anaren Microwave
MSK4800H ANAREN-MSK4800H Datasheet
821Kb / 8P
600V/450A HALF BRIDGE PEM
More results

Similar Description - MSK4801

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PP600D060 POWEREX-PP600D060 Datasheet
362Kb / 6P
POW-R-PAK 600A / 600V Half Bridge IGBT Assembly
logo
M.S. Kennedy Corporatio...
MSK4800H MSK-MSK4800H Datasheet
718Kb / 5P
600V/450A HALF BRIDGE PEM
MSK4850H MSK-MSK4850H Datasheet
849Kb / 5P
600V/150A THREE PHASE BRIDGE PEM WITH BRAKE
MSK4851H MSK-MSK4851H Datasheet
867Kb / 5P
600V/200A THREE PHASE BRIDGE PEM WITH BRAKE
MSK4890H MSK-MSK4890H Datasheet
794Kb / 5P
600V/300A SCR/REGEN PEM
MSK4810 MSK-MSK4810 Datasheet
1Mb / 5P
1200V/450A HALF BRIDGE PEM
logo
Anaren Microwave
MSK4803 ANAREN-MSK4803 Datasheet
537Kb / 8P
600V / 600A HALF BRIDGE PEM
MSK4800 ANAREN-MSK4800 Datasheet
821Kb / 8P
600V/450A HALF BRIDGE PEM
MSK4804 ANAREN-MSK4804 Datasheet
780Kb / 8P
1200V/100A SiC HALF BRIDGE PEM
logo
Princeton Technology Co...
PT5606 PTC-PT5606 Datasheet
537Kb / 4P
600V Half-bridge driver IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com