Electronic Components Datasheet Search
  English  ▼

X  

MSK4852 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK4852
Description  1200V/150A THREE PHASE BRIDGE PEM WITH BRAKE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4852 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK4852 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4852 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4852 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4852 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4852 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
4852
FEATURES:
Full Three Phase Bridge Configuration with SCR/IGBT Brake
1200V Rated Voltage
150A Continuous Output Current
Internal Zener Clamps on Gates
Proprietary Encapsulation Provides Near Hermetic Performance
MIL-PRF-38534 Screening Available (Modified)
Light Weight Domed ALSIC Baseplate
Robust Mechanical Design for Hi-Rel Applications
Ultra-Low Inductance Internal Layout
Withstands 96 Hours HAST and Thermal Cycling (-55°C to +125°C)
MIL-PRF-38534 CERTIFIED
1200V/150A
THREE PHASE BRIDGE
PEM WITH BRAKE
EQUIVALENT SCHEMATIC
DESCRIPTION:
The MSK 4852 is one of a family of plastic encapsulated modules (PEM) developed specifically for use in military,
aerospace and other severe environment applications. The Three Phase Bridge configuration along with the SCR/IGBT
brake circuit and 1200 volt/150 amp rating make it ideal for use in high current motor drive and inverter applications. The
Aluminum Silicon Carbide (AlSiC) baseplate offers superior flatness and light weight; far better than the copper or copper
alloys found in most high power plastic modules. The high thermal conductivity materials used to construct the MSK 4852
allow high power outputs at elevated baseplate temperatures. Our proprietary coating, SEES™ - Severe Environment
Encapsulation System - protects the internal circuitry of MSK PEM's from moisture and contamination, allowing them to
pass the rugged environmental screening requirements of military and aerospace applications. MSK PEM's are also avail-
able with industry standard silicone gel coatings for a lower cost option.
TYPICAL APPLICATIONS
PRELIMINARY
Rev. -
1/06
1
Motor Drives
Inverters


Similar Part No. - MSK4852

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK4852 ANAREN-MSK4852 Datasheet
1Mb / 8P
1200V/150A THREE PHASE BRIDGE PEM WITH BRAKE
MSK4852H ANAREN-MSK4852H Datasheet
1Mb / 8P
1200V/150A THREE PHASE BRIDGE PEM WITH BRAKE
logo
M.S. Kennedy Corporatio...
MSK4852 MSK-MSK4852_15 Datasheet
1Mb / 8P
Full Three Phase Bridge Configuration with SCR/IGBT Brake
More results

Similar Description - MSK4852

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUB72 IXYS-VUB72 Datasheet
89Kb / 4P
Three Phase Rectifier Bridge With Brake Chopper
logo
M.S. Kennedy Corporatio...
MSK4850H MSK-MSK4850H Datasheet
849Kb / 5P
600V/150A THREE PHASE BRIDGE PEM WITH BRAKE
MSK4851H MSK-MSK4851H Datasheet
867Kb / 5P
600V/200A THREE PHASE BRIDGE PEM WITH BRAKE
MSK4810 MSK-MSK4810 Datasheet
1Mb / 5P
1200V/450A HALF BRIDGE PEM
logo
Nell Semiconductor Co.,...
MTP150 NELLSEMI-MTP150 Datasheet
781Kb / 3P
Three-Phase Bridge Rectifier, 150A
logo
IXYS Corporation
VUB72-16NOXT IXYS-VUB72-16NOXT Datasheet
376Kb / 7P
Three Phase Rectifier Bridge with Brake Chopper
logo
Anaren Microwave
MSK4804 ANAREN-MSK4804 Datasheet
780Kb / 8P
1200V/100A SiC HALF BRIDGE PEM
MSK4852 ANAREN-MSK4852 Datasheet
1Mb / 8P
1200V/150A THREE PHASE BRIDGE PEM WITH BRAKE
logo
MacMic
MMD150F160X MACMIC-MMD150F160X Datasheet
182Kb / 3P
150A Three-Phase Rectifier Bridge Module
MMD150F180X MACMIC-MMD150F180X Datasheet
182Kb / 3P
150A Three-Phase Rectifier Bridge Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com