Electronic Components Datasheet Search
  English  ▼

X  

ADS-941 Datasheet(PDF) 6 Page - C&D Technologies

Part # ADS-941
Description  14-Bit, 1MHz Sampling A/D Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

ADS-941 Datasheet(HTML) 6 Page - C&D Technologies

  ADS-941 Datasheet HTML 1Page - C&D Technologies ADS-941 Datasheet HTML 2Page - C&D Technologies ADS-941 Datasheet HTML 3Page - C&D Technologies ADS-941 Datasheet HTML 4Page - C&D Technologies ADS-941 Datasheet HTML 5Page - C&D Technologies ADS-941 Datasheet HTML 6Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
®
®
ADS-941
®
®
DATEL makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein
do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. The DATEL logo is a registered DATEL, Inc. trademark.
DS-0227B
11/96
ORDERING INFORMATION
MODEL NUMBER
OPERATING TEMP. RANGE
ADS-941MC
0 to +70°C
ADS-941ME
–40 to +85°C
ACCESSORIES
ADS-EVAL4
Evaluation Board (without ADS-942)
HS-32
Heat Sink for all ADS-942 models
Receptacles for PC mounting can be ordered through AMP Inc., Part # 3-331272-8 (Component Lead Socket), 32 required.
MECHANICAL DIMENSIONS INCHES (mm)
0.040
(1.016)
SEATING
PLANE
0.025
(0.635)
0.200 MAX.
(5.080)
0.235 MAX.
(5.969)
0.190 MAX.
(4.826)
0.900 ±0.010
(22.860)
1.11 MAX.
(28.19)
0.100 TYP.
(2.540)
1.72 MAX.
(43.69)
1
16
17
32
1.500
(38.100)
0.100
(2.540)
0.100
(2.540)
0.018 ±0.002
(0.457)
0.010
(0.254)
Dimension Tolerances (unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Lead Material: Kovar alloy
Lead Finish: 50 microinches (minimum) gold plating
over 100 microinches (nominal) nickel plating
+0.002
–0.001
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151
Tel: (508) 339-3000
(800) 233-2765
Fax: (508) 339-6356
Internet: www.datel.com
E-mail:sales@datel.com
Data Sheet Fax Back: (508) 261-2857
DATEL (UK) LTD. Tadley, England Tel: (01256)-880444
DATEL S.A.R.L. Montigny Le Bretonneux, France Tel: 1-34-60-01-01
DATEL GmbH München, Germany Tel: 89-544334-0
DATEL KK Tokyo, Japan Tel: 3-3779-1031, Osaka Tel: 6-354-2025
ISO 9001
ISO 9001
REGISTERED



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com