Electronic Components Datasheet Search
  English  ▼

X  

MSK4890 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK4890
Description  600V/300A SCR/REGEN PEM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4890 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK4890 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4890 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4890 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4890 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4890 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
4890
FEATURES:
SCR/REGEN Topology
600V Rated Voltage
300A Continuous IGBT Current
Internal Zener Clamps on Gate
Proprietary Encapsulation Provides Near Hermetic Performance
MIL-PRF-38534 Screening Available (Modified)
Light Weight Domed ALSIC Baseplate
Robust Mechanical Design for Hi-Rel Applications
Ultra-Low Inductance Internal Layout
Withstands 96 Hours HAST and Thermal Cycling (-55°C to +125°C)
MIL-PRF-38534 CERTIFIED
600V/300A
SCR/REGEN PEM
EQUIVALENT SCHEMATIC
DESCRIPTION:
The MSK 4890 is one of a family of plastic encapsulated modules (PEM) developed specifically for use in military,
aerospace and other severe environment applications. The SCR/REGEN configuration and 600 volt/300 amp rating make it
ideal for use in high current motor drive and inverter brake applications. The Aluminum Silicon Carbide (AlSiC) baseplate
offers superior flatness and light weight; far better than the copper or copper alloys found in most high power plastic
modules. The high thermal conductivity materials used to construct the MSK 4890 allow high power outputs at elevated
baseplate temperatures. Our proprietary coating, SEES™ - Severe Environment Encapsulation System - protects the internal
circuitry of MSK PEM's from moisture and contamination, allowing them to pass the rugged environmental screening
requirements of military and aerospace applications. MSK PEM's are also available with industry standard silicone gel
coatings for a lower cost option.
TYPICAL APPLICATIONS
ISO-9001 CERTIFIED BY DSCC
Rev. B
8/05
1
Motor Drives
Inverters


Similar Part No. - MSK4890

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4890 MSK-MSK4890_15 Datasheet
604Kb / 5P
Proprietary Encapsulation Provides Near Hermetic Performance
More results

Similar Description - MSK4890

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4800H MSK-MSK4800H Datasheet
718Kb / 5P
600V/450A HALF BRIDGE PEM
MSK4801H MSK-MSK4801H Datasheet
632Kb / 6P
600V/600A HALF BRIDGE PEM
logo
Nihon Inter Electronics...
PCHMB300A6 NIEC-PCHMB300A6_1 Datasheet
126Kb / 3P
300A 600V
PCHMB300A6A NIEC-PCHMB300A6A_1 Datasheet
126Kb / 3P
300A 600V
PCHMB300A6AC NIEC-PCHMB300A6AC_1 Datasheet
126Kb / 3P
300A 600V
PCHMB300A6C NIEC-PCHMB300A6C_1 Datasheet
126Kb / 3P
300A 600V
PRHMB300A6 NIEC-PRHMB300A6_1 Datasheet
125Kb / 3P
300A 600V
PRHMB300A6A NIEC-PRHMB300A6A_1 Datasheet
126Kb / 3P
300A 600V
PRHMB300A6AC NIEC-PRHMB300A6AC_1 Datasheet
126Kb / 3P
300A 600V
logo
Anaren Microwave
MSK4803 ANAREN-MSK4803 Datasheet
537Kb / 8P
600V / 600A HALF BRIDGE PEM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com