Electronic Components Datasheet Search
  English  ▼

X  

LU2MB0B Datasheet(PDF) 1 Page - Schneider Electric

Part # LU2MB0B
Description  Reverser block for vertical mounting, TeSys Ultra, 32A/690V, coil 24VAC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LU2MB0B Datasheet(HTML) 1 Page - Schneider Electric

  LU2MB0B Datasheet HTML 1Page - Schneider Electric LU2MB0B Datasheet HTML 2Page - Schneider Electric LU2MB0B Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Specifications
Reverser block for vertical mounting,
TeSys Ultra, 32A/690V, coil 24VAC
LU2MB0B
Product availability : Stock - Normally stocked in distribution
facility
Price* : 192.00 USD
Main
Range
TeSys
Device short name
LU2MB
Product or Component Type
Reverser block
Device mounting
Direct mounting
Device Application
Motor control
[Ie] rated operational current
32 A
[Uc] control circuit voltage
24 V AC 50/60 Hz
Current consumption
2360 mA 24 V AC I maximum while closing
Complementary
[Ue] rated operational voltage
690 V AC power circuit
Network frequency
40...60 Hz
Inrush restraint duration
25 ms AC
15 ms DC
Operating time
150 ms with change of direction
75 ms without change of direction
Standards
EN 60947-6-2
IEC 60947-6-2
UL 60947-4-1, with phase barrier
CSA C22.2 No 60947-4-1, with phase barrier
Product Certifications
CE
UL
CSA
CCC
EAC
ASEFA
ATEX
Marine
[Ui] rated insulation voltage
690 V IEC 60947-6-2
600 V UL 60947-4-1
600 V CSA C22.2 No 60947-4-1
[Uimp] rated impulse withstand
voltage
6 kVIEC 60947-6-2
Fixing mode
Plug-in
Connections - terminals
Control circuit screw clamp terminals 1 0.00…0.00 in² (0.34…1.5 mm²) 0.12 in (3 mm)) flexible with
cable end
Control circuit screw clamp terminals 1 0.00…0.00 in² (0.75…1.5 mm²) 0.12 in (3 mm)) flexible without
cable end
Control circuit screw clamp terminals 1 0.00…0.00 in² (0.75…1.5 mm²) 0.12 in (3 mm)) rigid
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
May 11, 2022
1


Similar Part No. - LU2MB0B

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LU2MB0BL SCHNEIDER-LU2MB0BL Datasheet
119Kb / 3P
Reverser block for vertical mounting, TeSys Ultra, 38A/690V, coil 24VDC
May 11, 2022
More results

Similar Description - LU2MB0B

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LU2B32B SCHNEIDER-LU2B32B Datasheet
84Kb / 4P
Reversing power base, TeSys U, 3P, 32A/690V, coil 24V AC
Apr 30, 2021
LU2B32BL SCHNEIDER-LU2B32BL Datasheet
84Kb / 4P
Reversing power base, TeSys U, 3P, 32A/690V, coil 24V DC
Apr 30, 2021
LUB320 SCHNEIDER-LUB320 Datasheet
93Kb / 4P
Advanced power base, TeSys U, 3P, 32A/690V
Apr 30, 2021
LUCB32B SCHNEIDER-LUCB32B Datasheet
126Kb / 3P
Advanced control unit, TeSys Ultra, 8A to 32A, 3P motors, protection & diagnostic, class 10, coil 24VAC
May 10, 2022
LU2MB0BL SCHNEIDER-LU2MB0BL Datasheet
119Kb / 3P
Reverser block for vertical mounting, TeSys Ultra, 38A/690V, coil 24VDC
May 11, 2022
LU2MB0FU SCHNEIDER-LU2MB0FU Datasheet
162Kb / 3P
Reverser block for vertical mounting, TeSys Ultra, 38A/690V, coil 110-240VAC/DC
May 11, 2022
LU6MB0B SCHNEIDER-LU6MB0B Datasheet
137Kb / 3P
Reverser block for side mounting, TeSys Ultra, 32A/690V, coil 24VAC
May 11, 2022
LU6MB0BL SCHNEIDER-LU6MB0BL Datasheet
107Kb / 3P
Reverser block for side mounting, TeSys Ultra, 38A/690V, coil 24VDC
May 11, 2022
LU6MB0FU SCHNEIDER-LU6MB0FU Datasheet
137Kb / 3P
Reverser block for side mounting, TeSys Ultra, 38A/690V, coil 110-240VAC/DC
May 11, 2022
LUCD32B SCHNEIDER-LUCD32B Datasheet
125Kb / 3P
Advanced control unit, TeSys Ultra, 8A to 32A, 3P motors, protection & diagnostic, class 20, coil 24VAC
May 10, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com