Electronic Components Datasheet Search
  English  ▼

X  

LU2MB0FU Datasheet(PDF) 2 Page - Schneider Electric

Part # LU2MB0FU
Description  Reverser block for vertical mounting, TeSys Ultra, 38A/690V, coil 110-240VAC/DC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LU2MB0FU Datasheet(HTML) 2 Page - Schneider Electric

  LU2MB0FU Datasheet HTML 1Page - Schneider Electric LU2MB0FU Datasheet HTML 2Page - Schneider Electric LU2MB0FU Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Control circuit screw clamp terminals 1 0.00…0.00 in² (0.75…1.5 mm²) 0.12 in (3 mm)) flexible without
cable end
Control circuit screw clamp terminals 1 0.00…0.00 in² (0.75…1.5 mm²) 0.12 in (3 mm)) rigid
Control circuit screw clamp terminals 2 0.00…0.00 in² (0.34…1.5 mm²) 0.12 in (3 mm)) flexible with
cable end
Control circuit screw clamp terminals 2 0.00…0.00 in² (0.75…1.5 mm²) 0.12 in (3 mm)) flexible without
cable end
Control circuit screw clamp terminals 2 0.00…0.00 in² (0.75…1.5 mm²) 0.12 in (3 mm)) rigid
Power circuit screw clamp terminals 1 0.00…0.02 in² (1…10 mm²) 0.16 in (4 mm)) rigid
Power circuit screw clamp terminals 1 0.00…0.01 in² (1…6 mm²) 0.16 in (4 mm)) flexible with cable end
Power circuit screw clamp terminals 1 0.00…0.02 in² (2.5…10 mm²) 0.16 in (4 mm)) flexible without
cable end
Power circuit screw clamp terminals 2 0.00…0.01 in² (1…6 mm²) 0.16 in (4 mm)) flexible with cable end
Power circuit screw clamp terminals 2 0.00…0.01 in² (1…6 mm²) 0.16 in (4 mm)) rigid
Power circuit screw clamp terminals 2 0.00…0.01 in² (1.5…6 mm²) 0.16 in (4 mm)) flexible without
cable end
Tightening torque
Control circuit 7.08…10.62 lbf.in (0.8…1.2 N.m) flat 0.20 in (5 mm)
Control circuit 7.08…10.62 lbf.in (0.8…1.2 N.m) Philips No 2 0.20 in (5 mm)
Power circuit 16.82…22.13 lbf.in (1.9…2.5 N.m) flat 0.24 in (6 mm)
Power circuit 16.82…22.13 lbf.in (1.9…2.5 N.m) Philips No 2 0.24 in (6 mm)
Width
1.77 in (45 mm)
Height
3.15 in (80 mm)
Depth
4.13 in (105 mm)
Net Weight
0.88 lb(US) (0.4 kg)
Compatibility code
LU2MB
Environment
IP degree of protection
IP20 IEC 60947-1 front panel and wired terminals)
IP20 IEC 60947-1 other faces)
IP40 IEC 60947-1 front panel outside connection zone)
Protective treatment
TH IEC 60068
Ambient air temperature for
operation
-13…140 °F (-25…60 °C) with LUCM
-13…158 °F (-25…70 °C) with LUCA, LUCB, LUCC, LUCD
Ambient air temperature for
storage
-40…185 °F (-40…85 °C)
Fire resistance
1760 °F (960 °C) parts supporting live components IEC 60695-2-12
1202 °F (650 °C) IEC 60695-2-12
Operating altitude
6561.68 ft (2000 m)
Shock resistance
10 gn power poles open IEC 60068-2-27
15 gn power poles closed IEC 60068-2-27
Vibration resistance
2 gn 5…300 Hz) power poles open IEC 60068-2-27
4 gn 5…300 Hz) power poles closed IEC 60068-2-27
Resistance to electrostatic
discharge
8 kV level 3, in open air IEC 61000-4-2
8 kV level 4, on contact IEC 61000-4-2
Resistance to radiated fields
9.14 V/m (10 V/m) level 3 IEC 61000-4-3
Resistance to fast transients
2 kV 3 serial link IEC 61000-4-4
4 kV 4 all circuits except for serial link IEC 61000-4-4
Non-dissipating shock wave
1 kV serial mode IEC 60947-6-2
2 kV common mode IEC 60947-6-2
Immunity to radioelectric fields
10 V IEC 61000-4-6
Ordering and shipping details
Category
22399-TESYS U, ACCESSORIES
Discount Schedule
I11
GTIN
3389110363807
Nbr. of units in pkg.
1
Package weight(Lbs)
13.97 oz (396.0 g)
Returnability
Yes
Country of origin
FR
2
May 11, 2022



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com