Electronic Components Datasheet Search
  English  ▼

X  

LU9GC7 Datasheet(PDF) 1 Page - Schneider Electric

Part # LU9GC7
Description  TeSys Ultra profibus DP power supply module LU9 G, TeSysU starter-controllers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LU9GC7 Datasheet(HTML) 1 Page - Schneider Electric

  LU9GC7 Datasheet HTML 1Page - Schneider Electric LU9GC7 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
TeSys Ultra profibus DP power
supply module LU9 G, TeSysU
starter-controllers
LU9GC7
Product availability : Stock - Normally stocked in distribution
facility
Price* : 516.00 USD
Main
Range
TeSys
Device short name
LU9G
Product or Component Type
Profibus DP power supply module
Product Compatibility
LULC07
Complementary
[Us] rated supply voltage
24 V DC
Maximum current Irms
1.5 A
Width
1.77 in (45 mm)
Height
6.69 in (170 mm)
Depth
2.56 in (65 mm)
Ordering and shipping details
Category
22399-TESYS U, ACCESSORIES
Discount Schedule
I11
GTIN
3389119409735
Nbr. of units in pkg.
1
Package weight(Lbs)
9.66 oz (274.0 g)
Returnability
No
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
1.97 in (5 cm)
Package 1 width
3.54 in (9 cm)
Package 1 Length
8.07 in (20.5 cm)
Unit Type of Package 2
S03
Number of Units in Package 2
25
Package 2 Weight
16.55 lb(US) (7.506 kg)
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
May 11, 2022
1


Similar Part No. - LU9GC7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LU9GC3 ETC2-LU9GC3 Datasheet
46Kb / 1P
Modbus splitter block
logo
Schneider Electric
LU9GC3 SCHNEIDER-LU9GC3 Datasheet
95Kb / 2P
Modbus splitter block - 10 RJ45 and 1 screw terminal block
Apr 20, 2022
LU9GC3 SCHNEIDER-LU9GC3 Datasheet
10Mb / 48P
Variable speed drives Altivar Machine
March 2017 - V4.0
More results

Similar Description - LU9GC7

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
FB-DP-RPTR PHOENIX-FB-DP-RPTR Datasheet
53Kb / 3P
PROFIBUS DP interface/repeater module
logo
Prosoft-Technology
PS69-DPS PROSOFT-PS69-DPS Datasheet
453Kb / 2P
PROFIBUS DP Slave Communication Module
MVI56-PDPS PROSOFT-MVI56-PDPS Datasheet
206Kb / 2P
PROFIBUS DP Slave Communication Module
MVI46-PDPS PROSOFT-MVI46-PDPS Datasheet
90Kb / 2P
PROFIBUS DP Slave Communication Module
logo
Schneider Electric
TM4PDPS1 SCHNEIDER-TM4PDPS1 Datasheet
100Kb / 3P
module network TM4 1 Profibus DP slave
Apr 6, 2022
LU9AD7 SCHNEIDER-LU9AD7 Datasheet
130Kb / 2P
TeSys Ultra profibus DP connector LU9 A for TeSysUltra startercontrollers
May 11, 2022
LUFC00 SCHNEIDER-LUFC00 Datasheet
91Kb / 2P
Parallel wiring module, motor starter TeSys Ultra
May 11, 2022
LULC07 SCHNEIDER-LULC07 Datasheet
95Kb / 2P
profibus communication module, TeSys Ultra, 24VDC
May 11, 2022
TSXPBSCA100 SCHNEIDER-TSXPBSCA100 Datasheet
93Kb / 2P
Profibus DP connecting cable - for profibus DP connector - 100 m
May 10, 2022
TSXPBSCA400 SCHNEIDER-TSXPBSCA400 Datasheet
93Kb / 2P
Profibus DP connecting cable - for profibus DP connector - 400 m
May 10, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com