Electronic Components Datasheet Search
  English  ▼

X  

DG221B Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG221B
Description  Quad SPST CMOS Analog Switch with Latches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG221B Datasheet(HTML) 4 Page - Vishay Siliconix

  DG221B Datasheet HTML 1Page - Vishay Siliconix DG221B Datasheet HTML 2Page - Vishay Siliconix DG221B Datasheet HTML 3Page - Vishay Siliconix DG221B Datasheet HTML 4Page - Vishay Siliconix DG221B Datasheet HTML 5Page - Vishay Siliconix DG221B Datasheet HTML 6Page - Vishay Siliconix DG221B Datasheet HTML 7Page - Vishay Siliconix DG221B Datasheet HTML 8Page - Vishay Siliconix DG221B Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number: 71616
S-80263-Rev. B, 11-Feb-08
Vishay Siliconix
DG221B
TEST CIRCUITS
Figure 2. Switching Time
V-
tr < 10 ns
tf < 10 ns
50 %
0 V
3 V
tOFF
tON
VO
VS
90 %
Logic
Input
Switch
Input
Switch
Output
CL (includes fixture and stray capacitance)
V+
IN
RL
RL + rDS(on)
VO = VS
S
D
- 15 V
VO
GND
2 V
WR
CL
35 pF
RL
1 k
Ω
+ 15 V
Figure 3. WR Switching Time
CL (includes fixture and stray capacitance)
V+
IN
RL
RL + rDS(on)
VO = VS
S
D
- 15 V
VO
GND
2 V
WR
CL
35 pF
V-
RL
1 k
Ω
+ 15 V
0 V
tr < 10 ns
tf < 10 ns
0 V
3 V
tOFF , WR
tON, WR
VO
VS
90 %
50 %
0 V
3 V
WR
IN
VOUT
Figure 4. WR Setup Conditions
tH = Hold Time
tS = Setup Time
tW = WR Pulse Width
tS
tS
tH
tH
tW
3 V
3 V
VOUT
WR
IN
50 %
50 %



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com