Electronic Components Datasheet Search
  English  ▼

X  

DG2741 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG2741
Description  Low-Voltage, 0.8 Ω RON, Dual SPST Analog Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2741 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG2741 Datasheet HTML 1Page - Vishay Siliconix DG2741 Datasheet HTML 2Page - Vishay Siliconix DG2741 Datasheet HTML 3Page - Vishay Siliconix DG2741 Datasheet HTML 4Page - Vishay Siliconix DG2741 Datasheet HTML 5Page - Vishay Siliconix DG2741 Datasheet HTML 6Page - Vishay Siliconix DG2741 Datasheet HTML 7Page - Vishay Siliconix DG2741 Datasheet HTML 8Page - Vishay Siliconix DG2741 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number: 72708
S11-0303-Rev. B, 28-Feb-11
Vishay Siliconix
DG2741, DG2742, DG2743
Notes:
a. Room = 25 °C, Full = as determined by the operating suffix.
b. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
c. Typical values are for design aid only, not guaranteed nor subject to production testing.
d. Guarantee by design, nor subjected to production test.
e. VIN = input voltage to perform proper function.
f. Guaranteed by 3 V leakage testing, not production tested.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (V+ = 3.0 V)
Parameter
Symbol
Test Conditions
Otherwise Unless Specified
V+ = 3 V, ± 10 %, VIN = 0.5 or 1.4 V
e
Temp.a
Limits
- 40 °C to 85 °C
Unit
Min.b
Typ.c
Max.b
Analog Switch
Analog Signal Ranged
VNO, VNC
VCOM
Full
0
V+
V
On-Resistance
RON
V+ = 2.7 V, VCOM = 0.2 V/1.5 V, INO
INC = 100 mA
Room
Full
0.4
0.8
0.9
RON Flatness
RON
Flatness
V+ = 2.7 V, VCOM = 1.5, 2 V, INO, INC = 100 mA
Room
0.8
0.18
RON MatchFlat
R
ON
Room
0.05
0.08
Switch Off Leakage Current
INO(off)
INC(off)
V+ = 3.3 V
VNO, VNC = 0.3 V/3 V, VCOM = 3 V/0.3 V
Room
Full
- 1
- 10
1
10
nA
ICOM(off)
Room
Full
- 1
- 10
1
10
Channel-On Leakage Current
ICOM(on)
V+ = 3.3 V, VNO, VNC = VCOM = 0.3 V/3 V
Room
Full
- 1
- 10
1
10
Digital Control
Input High Voltage
VINH
Full
1.4
V
Input Low Voltage
VINL
Full
0.5
Input Capacitanced
Cin
Full
5.5
pF
Input Currentf
IINL or IINH
VIN = 0 or V+
Full
- 1
1
µA
Dynamic Characteristics
Turn-On Time
tON
VNO or VNC = 1.5 V, RL = 50 , CL = 35 pF
V+ = 2.7 V, figures 1 and 2
Room
Full
20
30
35
ns
Turn-Off Time
tOFF
Room
Full
18
28
33
Break-Before-Make Time
td
Room
1
Charge Injectiond
QINJ
CL = 1 nF, VGEN = 0 V, RGEN = 0 , figure 3
Room
5.8
pC
Off-Isolationd
OIRR
RL = 1 k, CL = 5 pF, f = 1 MHz
Room
- 56
dB
Crosstalkd
XTALK
Room
- 89
NO, NC Off Capacitanced
CNO(off)
CNC(off)
V+ = 3.6 V, VIN = 0 or V+, f = 1 MHz
Room
81
pF
Channel-On Capacitanced
CON
Room
103
Power Supply
Power Supply Range
V+
1.5
3.6
V
Power Supply Current
I+
V+ = 3.6 V, VIN = 0 or V+
0.01
1.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com