Electronic Components Datasheet Search
  English  ▼

X  

DG413LE Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG413LE
Description  16 Ω, Low Parasitic Capacitance and Leakage, 12 V / 5 V / 3 V / ± 5 V Quad SPST Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG413LE Datasheet(HTML) 5 Page - Vishay Siliconix

  DG413LE Datasheet HTML 1Page - Vishay Siliconix DG413LE Datasheet HTML 2Page - Vishay Siliconix DG413LE Datasheet HTML 3Page - Vishay Siliconix DG413LE Datasheet HTML 4Page - Vishay Siliconix DG413LE Datasheet HTML 5Page - Vishay Siliconix DG413LE Datasheet HTML 6Page - Vishay Siliconix DG413LE Datasheet HTML 7Page - Vishay Siliconix DG413LE Datasheet HTML 8Page - Vishay Siliconix DG413LE Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DG411LE, DG412LE, DG413LE
www.vishay.com
Vishay Siliconix
S19-0672-Rev. B, 05-Aug-2019
5
Document Number: 78091
For technical questions, contact: analogswitchsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Refer to PROCESS OPTION FLOWCHART
b. Room = 25 °C, full = as determined by the operating temperature suffix
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing
d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this datasheet
e. Guaranteed by design, not subject to production test
f. VIN = input voltage to perform proper function
g. Leakage parameters are guaranteed by worst case test conditions and not subject to test
SPECIFICATIONS a (Single Supply 5 V)
PARAMETER
SYMBOL
TEST CONDITIONS
UNLESS OTHERWISE
SPECIFIED
V+ = 5 V, V- = 0 V
VL = 5 V, VIN = 2.4 V, 0.8 V f
TEMP. b
TYP. c
A SUFFIX
LIMITS
-55 °C to +125 °C
D SUFFIX
LIMITS
-40 °C to +85 °C
UNIT
MIN. d
MAX. d
MIN. d
MAX. d
Analog Switch
Analog Signal Range e
VANALOG
Full
-
-
5
-
5
V
Drain-Source
On-Resistance e
RDS(on)
V+ = 4.5 V,
IS = 5 mA, VD = 1 V, 3.5 V
Room
36
-
50
-
50
Full
-
-
88
-
75
Dynamic Characteristics
Turn-On Time e
tON
RL = 300 , CL = 35 pF,
VS = 3.5 V, see figure 2
Room
27
-
50
-
50
ns
Hot
-
-
90
-
60
Turn-Off Time e
tOFF
Room
15
-
30
-
30
Hot
-
-
55
-
40
Break-Before-Make Time
Delay e
tD
DG413L only, VS = 3.5 V,
RL = 300 , CL = 35 pF
Room
11
-
-
-
-
Charge Injection e
QVg = 0 V, Rg = 0 , CL = 10 nF
Room
3.3
-
-
-
-
pC
Power Supplies
Positive Supply Current e
I+
VIN = 0 V or 5 V
Room
0.02
-
1
-
1
μA
Hot
-
-
7.5
-
5
Negative Supply Current e
I-
Room
-0.002
-1
-
-1
-
Hot
-
-7.5
-
-5
-
Logic Supply Current e
IL
Room
0.002
-
1
-
1
Hot
-
-
7.5
-
5
Ground Current e
IGND
Room
-0.002
-1
-
-1
-
Hot
-
-7.5
-
-5
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com