Electronic Components Datasheet Search
  English  ▼

X  

DG417B Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG417B
Description  Precision Monolithic Quad SPST CMOS Analog Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG417B Datasheet(HTML) 4 Page - Vishay Siliconix

  DG417B Datasheet HTML 1Page - Vishay Siliconix DG417B Datasheet HTML 2Page - Vishay Siliconix DG417B Datasheet HTML 3Page - Vishay Siliconix DG417B Datasheet HTML 4Page - Vishay Siliconix DG417B Datasheet HTML 5Page - Vishay Siliconix DG417B Datasheet HTML 6Page - Vishay Siliconix DG417B Datasheet HTML 7Page - Vishay Siliconix DG417B Datasheet HTML 8Page - Vishay Siliconix DG417B Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.vishay.com
4
Document Number: 72107
S09-1261-Rev. D, 13-Jul-09
Vishay Siliconix
DG417B, DG418B, DG419B
Notes:
a. Refer to PROCESS OPTION FLOWCHART.
b. Room = 25 °C, full = as determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this datasheet.
e. Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 15 V, V- = - 15 V
VL = 5 V, VIN = 2.4 V, 0.8 V
f
Temp.b
Typ.c
A Suffix
- 55 °C to 125 °C
D Suffix
- 40 °C to 85 °C
Unit
Min.d
Max.d
Min.d
Maxd.
Dynamic Characteristics
Source Off Capacitancee
CS(off)
f = 1 MHz, VS = 0 V
Room
12
pF
Drain Off Capacitancee
CD(off)
DG417B
DG418B
Room
12
Channel On Capacitancee
CD(on)
f = 1 MHz, VS = 0 V
DG417B
DG418B
Room
50
DG419B
Room
57
Power Supplies
Positive Supply Current
I+
V+ = 16.5 V, V- = - 16.5 V
VIN = 0 or 5 V
Room
Full
0.001
1
5
1
5
µA
Negative Supply Current
I-
Room
Full
- 0.001
- 1
- 5
- 1
- 5
Logic Supply Current
IL
Room
Full
0.001
1
5
1
5
Ground Current
IGND
Room
Full
- 0.001
- 1
- 5
- 1
- 5
SPECIFICATIONSa
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 12 V, V- = 0 V
VL = 5 V, VIN = 2.4 V, 0.8 V
f
Temp.b
Typ.c
A Suffix
- 55 °C to 125 °C
D Suffix
- 40 °C to 85 °C
Unit
Min.d
Max.d
Min.d
Max.d
Analog Switch
Analog Signal Rangee
VANALOG
Full
0
12
0
12
V
Drain-Source
On-Resistance
RDS(on)
IS = - 10 mA, VD = 3.8 V
V+ = 10.8 V
Room
Full
26
35
52
35
45
Ω
Dynamic Characteristics
Turn-On Time
tON
RL = 300 Ω, CL = 35 pF
VS = 8 V, See Switching
Time Test Circuit
Room
Full
100
125
155
125
143
ns
Turn-Off Time
tOFF
Room
Full
38
66
73
66
69
Break-Before-Make
Time Delay
tD
RL = 300 Ω, CL = 35 pF
DG419B Room
62
25
25
Transition Time
tTRANS
RL = 300 Ω, CL = 35 pF
VS1 = 0 V, 8 V, VS2 = 8 V, 0 V
Room
Full
95
119
153
119
141
Charge Injection
Q
CL = 10 nF, Vgen = 0 V, Rgen = 0 Ω
Room
18
pC
Power Supplies
Positive Supply Current
I+
V+ = 13.2 V, VL = 5.25 V
VIN = 0 or 5 V
Room
Full
0.001
1
5
1
5
µA
Negative Supply Current
I-
Room
- 0.001
- 1
- 5
- 1
- 5
Logic Supply Current
IL
Room
0.001
1
5
1
5
Ground Current
IGND
Room
- 0.001
- 1
- 5
-1
- 5
SPECIFICATIONSa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com