Electronic Components Datasheet Search
  English  ▼

X  

5428811 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 5428811
Description  Electric actuator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

5428811 Datasheet(HTML) 1 Page - Festo Corporation.

  5428811 Datasheet HTML 1Page - Festo Corporation. 5428811 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electric actuator
EPCC-BS-25-175-2P-A
Part number: 5428811
Data sheet
Feature
Value
Size
25
Stroke
175 mm
Stroke reserve
0 mm
Piston rod thread
M6
Reversing backlash
100 µm
Screw diameter
6 mm
Spindle pitch
2 mm/U
Max. angle of rotation of the piston rod +/-
1 deg
Mounting position
Any
Piston rod end
External thread
Motor type
Stepper motor
Servo motor
Position sensing
For proximity sensor
Structural design
Electric actuator
with ball screw drive
Spindle type
Ball screw drive
Symbol
00991941
Protection against torsion/guide
With plain-bearing guide
Max. acceleration
5 m/s²
Max. speed
0.083 m/s
Repetition accuracy
±0.02 mm
Duty cycle
100%
Corrosion resistance class (CRC)
0 - No corrosion stress
LABS conformity
VDMA24364 zone III
RSBP classification to CD-0033
F1a
Cleanroom class
ISO Class 9
Storage temperature
-20 °C ... 60 °C
Relative air humidity
0 - 95 %
Non-condensing
Degree of protection
IP40
Ambient temperature
0 °C ... 60 °C
Impact energy in the end positions
0.0012 J
Max. torque Mx
0 Nm
Max. torque My
0.6 Nm
Max. torque Mz
0.6 Nm
Max. radial force on actuator shaft
30 N
5/12/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 5428811

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
5428810 FESTO-5428810 Datasheet
85Kb / 2P
Electric actuator
5/12/22
5428812 FESTO-5428812 Datasheet
85Kb / 2P
Electric actuator
5/12/22
5428813 FESTO-5428813 Datasheet
85Kb / 2P
Electric actuator
5/11/22
5428814 FESTO-5428814 Datasheet
85Kb / 2P
Electric actuator
5/11/22
5428815 FESTO-5428815 Datasheet
85Kb / 2P
Electric actuator
5/11/22
More results

Similar Description - 5428811

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
1347391 FESTO-1347391 Datasheet
92Kb / 2P
Electric actuator
5/8/22
574095 FESTO-574095 Datasheet
92Kb / 2P
Electric actuator
5/8/22
574099 FESTO-574099 Datasheet
92Kb / 2P
Electric actuator
5/8/22
574120 FESTO-574120 Datasheet
91Kb / 2P
Electric actuator
5/8/22
574125 FESTO-574125 Datasheet
91Kb / 2P
Electric actuator
5/8/22
1347393 FESTO-1347393 Datasheet
91Kb / 2P
Electric actuator
5/8/22
2215386 FESTO-2215386 Datasheet
91Kb / 2P
Electric actuator
5/8/22
2295383 FESTO-2295383 Datasheet
85Kb / 2P
Electric actuator
5/8/22
8022564 FESTO-8022564 Datasheet
92Kb / 2P
Electric actuator
5/8/22
8022565 FESTO-8022565 Datasheet
91Kb / 2P
Electric actuator
5/8/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com