Electronic Components Datasheet Search
  English  ▼

X  

ESDM1053 Datasheet(PDF) 1 Page - ON Semiconductor

Part # ESDM1053
Description  ESD Protection Diodes Micro?뭦ackaged Diodes for ESD Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESDM1053 Datasheet(HTML) 1 Page - ON Semiconductor

  ESDM1053 Datasheet HTML 1Page - ON Semiconductor ESDM1053 Datasheet HTML 2Page - ON Semiconductor ESDM1053 Datasheet HTML 3Page - ON Semiconductor ESDM1053 Datasheet HTML 4Page - ON Semiconductor ESDM1053 Datasheet HTML 5Page - ON Semiconductor ESDM1053 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATA SHEET
www.onsemi.com
© Semiconductor Components Industries, LLC, 2021
March, 2022 − Rev. 0
1
Publication Order Number:
ESDM1053/D
ESD Protection Diodes
Micro−packaged Diodes for ESD
Protection
ESDM1053
The ESDM1053 is designed to protect voltage sensitive components
from ESD. Excellent clamping capability, low leakage, and fast
response time provide best in class protection on designs that are
exposed to ESD. Because of its small size, it is suited for use in
smartphone, smart−watch, or many other portable / wearable
applications where board space comes at a premium.
Features
• Low Capacitance (5.5 pF Typ, I/O to GND)
• Small Body Outline Dimensions: − 01005 Size: 0.435 x 0.230 mm
• Protection for the Following IEC Standards:
IEC 61000−4−2 (Level 4)
• Low ESD Clamping Voltage
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Operating Junction Temperature Range
TJ
−55 to +125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Lead Solder Temperature −
Maximum (10 Seconds)
TL
260
°C
ESDM1053:
IEC 61000−4−2 Contact
IEC 61000−4−2 Air
ESD
±18
±18
kV
kV
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
See Application Note AND8308/D for further description of
survivability specs.
PIN CONFIGURATION
AND SCHEMATIC
12
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION
=
DSN2
CASE 152BB
MARKING DIAGRAM
D = Specific Device Code
D


Similar Part No. - ESDM1053

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESDM1131 ONSEMI-ESDM1131 Datasheet
314Kb / 7P
3.3 V ESD Protection Diodes
March, 2018 ??Rev. 1
ESDM1131MX4T5G ONSEMI-ESDM1131MX4T5G Datasheet
314Kb / 7P
3.3 V ESD Protection Diodes
March, 2018 ??Rev. 1
More results

Similar Description - ESDM1053

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD8011 ONSEMI-ESD8011 Datasheet
270Kb / 8P
ESD Protection Diodes
September, 2015 ??Rev. 3
ESD8101 ONSEMI-ESD8101 Datasheet
153Kb / 8P
ESD Protection Diodes
August, 2015 ??Rev. 1
ESD1L001 ONSEMI-ESD1L001 Datasheet
457Kb / 6P
ESD Protection Diodes
May, 2017 ??Rev. 0
ESD8351 ONSEMI-ESD8351_16 Datasheet
286Kb / 9P
ESD Protection Diodes
May, 2016 ??Rev. 8
ESD7551 ONSEMI-ESD7551 Datasheet
71Kb / 5P
ESD Protection Diodes
November, 2016 ??Rev. 0
ESDM3033 ONSEMI-ESDM3033 Datasheet
212Kb / 7P
ESD Protection Diode Micro?뭁ackaged Diodes for ESD Protection
June, 2020 ??Rev. 1
SESDU1052 ONSEMI-SESDU1052 Datasheet
226Kb / 6P
ESD Protection Diodes Micro?뭦ackaged Diodes for ESD Protection
August, 2021 ??Rev. 0
ESD5101 ONSEMI-ESD5101_V01 Datasheet
277Kb / 9P
ESD Protection Diodes Micro-packaged Diodes for ESD Protection
June, 2018 ??Rev. 6
ESDL2012 ONSEMI-ESDL2012 Datasheet
207Kb / 7P
ESD Protection Diode Micro?뭁ackaged Diodes for ESD Protection
November, 2019 ??Rev.1
ESDM3551 ONSEMI-ESDM3551 Datasheet
303Kb / 9P
5.5 V ESD Protection Diode Micro-Packaged Diodes for ESD Protection
September, 2022 - Rev. 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com