Electronic Components Datasheet Search
  English  ▼

X  

HCPL2631M Datasheet(PDF) 12 Page - ON Semiconductor

Part # HCPL2631M
Description  8-Pin DIP High-Speed 10 MBit/s Logic Gate Optocouplers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

HCPL2631M Datasheet(HTML) 12 Page - ON Semiconductor

Back Button HCPL2631M Datasheet HTML 8Page - ON Semiconductor HCPL2631M Datasheet HTML 9Page - ON Semiconductor HCPL2631M Datasheet HTML 10Page - ON Semiconductor HCPL2631M Datasheet HTML 11Page - ON Semiconductor HCPL2631M Datasheet HTML 12Page - ON Semiconductor HCPL2631M Datasheet HTML 13Page - ON Semiconductor HCPL2631M Datasheet HTML 14Page - ON Semiconductor HCPL2631M Datasheet HTML 15Page - ON Semiconductor HCPL2631M Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Single−Channel: 6N137M, HCPL2601M, HCPL2611M Dual−Channel: HCPL2630M,
HCPL2631M
www.onsemi.com
12
TEST CIRCUITS (Continued)
Figure 25. Test Circuit Common Mode Transient Immunity
+5 V
Peak
3
2
1
4
8
GND
VCC
O
(V )
Output
350 W
VCM
FF
V
A
B
Pulse Gen
IF
CM
V
0 V
O
V
5 V
Switching Pos. (A), I = 0
F
O
V (Max)
CM
0.5 V
O
V
H
CML
V (Min)
O
6
7
5
.1 mF
bypass
Switching Pos. (B), I = 7.5 mA
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com