Electronic Components Datasheet Search
  English  ▼

X  

FSA557 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSA557
Description  Low Supply Signal Bypass IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA557 Datasheet(HTML) 2 Page - ON Semiconductor

  FSA557 Datasheet HTML 1Page - ON Semiconductor FSA557 Datasheet HTML 2Page - ON Semiconductor FSA557 Datasheet HTML 3Page - ON Semiconductor FSA557 Datasheet HTML 4Page - ON Semiconductor FSA557 Datasheet HTML 5Page - ON Semiconductor FSA557 Datasheet HTML 6Page - ON Semiconductor FSA557 Datasheet HTML 7Page - ON Semiconductor FSA557 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FSA557
www.onsemi.com
2
Table 1. PIN FUNCTION DESCRIPTION
Pin No. WLCSP12
Pin Name
Description
A1
L1
Low Supply Signal Path 1
A2
VDD
Power Supply or Select Signal from Host GPIO
A3
L2
Low Supply Signal Path 2
B1
COM1
Common Port 1
B2
NC
No Connect
B3
COM2
Common Port 2
C1
H1
High Supply Signal Path 1
C2
EN_N
Path enable (active low)
C3
H2
High Supply Signal Path 2
D1
C_EXT
Capacitor Reference (Floating disables slow gradual transition)
D2
GND
Ground
D3
SEL
Path Select (Grounding forces VDD to determine path selection)
Table 2. SWITCH TRUTH TABLE
VDD
EN_N
SEL
Switch State
Notes
Low or FLOAT
X
X
COMM1/2 = L1/2
Dead battery
High
LOW OR FLOAT
LOW OR FLOAT
COMM1/2 = H1/2
Good battery
X
LOW OR FLOAT
HIGH
COMM1/2 = L1/2
Low battery
HIGH
HIGH
X
Hi−Z
Both paths disabled
NOTE: Click and pop suppression active during any switch state transition that occurs with VDD at an active HIGH level
Table 3. APPLICATION CIRCUIT COMPONENTS
Component
Manufacturer
Part Number
Value
Case Size
Voltage Rating
CREF
40 nF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com