Electronic Components Datasheet Search
  English  ▼

X  

MAX7310ATE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX7310ATE
Description  2-Wire-Interfaced 8-Bit I/O Port Expander with Reset
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7310ATE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX7310ATE Datasheet HTML 7Page - Maxim Integrated Products MAX7310ATE Datasheet HTML 8Page - Maxim Integrated Products MAX7310ATE Datasheet HTML 9Page - Maxim Integrated Products MAX7310ATE Datasheet HTML 10Page - Maxim Integrated Products MAX7310ATE Datasheet HTML 11Page - Maxim Integrated Products MAX7310ATE Datasheet HTML 12Page - Maxim Integrated Products MAX7310ATE Datasheet HTML 13Page - Maxim Integrated Products MAX7310ATE Datasheet HTML 14Page - Maxim Integrated Products MAX7310ATE Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
2-Wire-Interfaced 8-Bit I/O Port Expander
with Reset
______________________________________________________________________________________
13
13
24
5
8
67
SA
A
A
0
A5
A4
A3A2
A1A0
DATA 1
SLAVE ADDRESS
DATA TO PORT
START CONDITION
ACKNOWLEDGE
FROM SLAVE
ACKNOWLEDGE
FROM SLAVE
ACKNOWLEDGE
FROM SLAVE
tPV
DATA 1 VALID
9
1
0
0
00
COMMAND BYTE
P
DATA OUT
FROM PORT
WRITE TO
PORT
SDA
SCL
0
00
0
R/W
Figure 9. Write to Output Port Register Through Write-Byte Protocol
S1
A
A
0
A2
A1
A0
DATA 4
SLAVE ADDRESS
DATA FROM PORT
START CONDITION
NOTE 1: THIS FIGURE ASSUMES THE COMMAND HAS PREVIOUSLY BEEN PROGRAMMED WITH 0x00.
NOTE 2: TRANSFER OF DATA CAN BE STOPPED AT ANY MOMENT BY A STOP CONDITION. WHEN THIS OCCURS,
DATA PRESENT AT THE LAST ACKNOWLEDGED PHASE IS VALID (OUTPUT MODE). INPUT DATA IS LOST.
R/W
ACKNOWLEDGE
FROM SLAVE
ACKNOWLEDGE
FROM MASTER
STOP
CONDITION
DATA 1
DATA FROM PORT
P
tPS
tPH
DATA 4
DATA 3
DATA 2
DATA INTO
PORT
WRITE FROM
PORT
SDA
NA
NO ACKNOWLEDGE
FROM MASTER
A5
A4
A3
1
Figure 10. Read Input Port Register Through Receive-Byte Protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com