Electronic Components Datasheet Search
  English  ▼

X  

54F158ADM Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54F158ADM
Description  Quad 2-Input Multiplexer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F158ADM Datasheet(HTML) 2 Page - National Semiconductor (TI)

  54F158ADM Datasheet HTML 1Page - National Semiconductor (TI) 54F158ADM Datasheet HTML 2Page - National Semiconductor (TI) 54F158ADM Datasheet HTML 3Page - National Semiconductor (TI) 54F158ADM Datasheet HTML 4Page - National Semiconductor (TI) 54F158ADM Datasheet HTML 5Page - National Semiconductor (TI) 54F158ADM Datasheet HTML 6Page - National Semiconductor (TI) 54F158ADM Datasheet HTML 7Page - National Semiconductor (TI) 54F158ADM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
I0a–I0d
Source 0 Data Inputs
1010
20 mA b06 mA
I1a–I1d
Source 1 Data Inputs
1010
20 mA b06 mA
E
Enable Input (Active LOW)
1010
20 mA b06 mA
S
Select Input
1010
20 mA b06 mA
Za–Zd
Inverted Outputs
50333
b
1 mA20 mA
Functional Description
The ’F158A quad 2-input multiplexer selects four bits of
data from two sources under the control of a common Se-
lect input (S) and presents the data in inverted form at the
four outputs The Enable input (E) is active LOW When E is
HIGH all of the outputs (Z) are forced HIGH regardless of
all other inputs The ’F158A is the logic implementation of a
4-pole 2-position switch where the position of the switch is
determined by the logic levels supplied to the Select input
A common use of the ’F158A is the moving of data from two
groups of registers to four common output busses The par-
ticular register from which the data comes is determined by
the state of the Select input A less obvious use is as a
function generator The ’F158A can generate four functions
of two variables with one variable common This is useful for
implementing gating functions
Truth Table
Inputs
Outputs
E
SI0
I1
Z
HX
X
X
H
LL
L
X
H
LL
H
X
L
LH
X
L
H
LH
X
H
L
H e HIGH Voltage Level
L e LOW Voltage Level
X e Immaterial
Zn e E c (I1n S a I0n S)
Logic Diagram
TLF9484 – 4
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com