Electronic Components Datasheet Search
  English  ▼

X  

GV2LE07 Datasheet(PDF) 8 Page - Schneider Electric

Part # GV2LE07
Description  TeSys GV2 Manual Starter and Protector, magnetic circuit protector, toggle switch, 2.5 A, screw clamp terminals
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2LE07 Datasheet(HTML) 8 Page - Schneider Electric

Back Button GV2LE07 Datasheet HTML 3Page - Schneider Electric GV2LE07 Datasheet HTML 4Page - Schneider Electric GV2LE07 Datasheet HTML 5Page - Schneider Electric GV2LE07 Datasheet HTML 6Page - Schneider Electric GV2LE07 Datasheet HTML 7Page - Schneider Electric GV2LE07 Datasheet HTML 8Page - Schneider Electric GV2LE07 Datasheet HTML 9Page - Schneider Electric GV2LE07 Datasheet HTML 10Page - Schneider Electric GV2LE07 Datasheet HTML 11Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
1
32 A (GV2LE32)
2
25 A and 32 A (GV2L32)
3
18 A
4
14 A
5
10 A
6
6.3 A
7
4 A
8
2.5 A
9
1.6 A
10
Limit of rated ultimate breaking capacity on short-circuit of GV2 LE (14, 18, 23, and 25 A ratings).
8
May 12, 2022



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com