Electronic Components Datasheet Search
  English  ▼

X  

MSK645B Datasheet(PDF) 5 Page - M.S. Kennedy Corporation

Part # MSK645B
Description  HIGH PERFORMANCE, HIGH VOLTAGE VIDEO DISPLAY DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK645B Datasheet(HTML) 5 Page - M.S. Kennedy Corporation

  MSK645B Datasheet HTML 1Page - M.S. Kennedy Corporation MSK645B Datasheet HTML 2Page - M.S. Kennedy Corporation MSK645B Datasheet HTML 3Page - M.S. Kennedy Corporation MSK645B Datasheet HTML 4Page - M.S. Kennedy Corporation MSK645B Datasheet HTML 5Page - M.S. Kennedy Corporation MSK645B Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NOTES:
Transition time and overshoot adjustment is made possible using the circuit of Figure 1. LA peaks the amplifiers
frequency response at the cathode yielding optimum rise and fall times. A good starting point value for this inductor
is 0.1µH. The tradeoff that must be dealt with when peaking an amplifiers' response is increased overshoot. Once
the rise and fall times have been adjusted with LA, the overshoot can be damped by adjusting CA, RD1 and RD2 in
Figure 1. Keep in mind that as the value of load capacitance increases, so will the overshoot. Starting with 499
Ω
resistors for RD1 and RD2 and 150pF for CA, the overshoot can be minimized by adjusting RD1 and RD2 up or down.
TYPICAL CONNECTION CIRCUIT
Rev. D 10/05
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com