Electronic Components Datasheet Search
  English  ▼

X  

GV2RT06 Datasheet(PDF) 2 Page - Schneider Electric

Part # GV2RT06
Description  TeSys GV2 Manual Starter and Protector, thermal magnetic circuit protector, toggle switch, 1??.6 A, screw clamp terminals
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2RT06 Datasheet(HTML) 2 Page - Schneider Electric

  GV2RT06 Datasheet HTML 1Page - Schneider Electric GV2RT06 Datasheet HTML 2Page - Schneider Electric GV2RT06 Datasheet HTML 3Page - Schneider Electric GV2RT06 Datasheet HTML 4Page - Schneider Electric GV2RT06 Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Line Rated Current
1.6 A
Thermal protection adjustment
range
1…1.6 A
Magnetic tripping current
33 A
[Ue] rated operational voltage
690 V AC 50/60 Hz IEC 60947-2
[Ui] rated insulation voltage
690 V AC 50/60 Hz IEC 60947-2
[Ith] conventional free air
thermal current
1.6 A IEC 60947-4-1
[Uimp] rated impulse withstand
voltage
6 kV IEC 60947-2
Power dissipation per pole
2.5 W
Mechanical durability
100000 cycles
Electrical durability
100000 cycles AC-3 415 V
415 V
Maximum operating rate
25 cyc/h
Rated duty
Continuous IEC 60947-4-1
Tightening torque
15.05 lbf.in (1.7 N.m) screw clamp terminals
Height
3.50 in (89 mm)
Width
1.77 in (45 mm)
Depth
3.09 in (78.5 mm)
Suitability for isolation
Yes IEC 60947-1
Environment
Standards
EN/IEC 60947-2
EN/IEC 60947-4-1
Product Certifications
CCC
UL
CSA
EAC
BV
LROS (Lloyds register of shipping)
UKCA
Climatic withstand
IACS E10
IK degree of protection
IK04
IP degree of protection
IP20 IEC 60529
Ambient Air Temperature for
Storage
-40…176 °F (-40…80 °C)
Fire resistance
1760 °F (960 °C) IEC 60695-2-1
Operating altitude
6561.68 ft (2000 m)
Ambient air temperature for
operation
-4…140 °F (-20…60 °C)
Ordering and shipping details
Category
22367-MANUAL STR PROTECTOR - GV2
Discount Schedule
I11
GTIN
3389110520620
Nbr. of units in pkg.
1
Package weight(Lbs)
9.17 oz (260.0 g)
Returnability
No
Country of origin
FR
2
May 12, 2022



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com