Electronic Components Datasheet Search
  English  ▼

X  

MSK739 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK739
Description  ULTRA-ACCURATE/HIGH SLEW RATE INVERTING OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK739 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK739 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK739 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK739 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK739 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK739 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK739 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
FEATURES:
739
ISO-9001 CERTIFIED BY DSCC
ULTRA-ACCURATE/HIGH SLEW RATE
INVERTING
OPERATIONAL AMPLIFIER
Very Fast Setting Time - 10nS to 0.1% Typical
Very Fast Slew Rate - 5500 V/µS Typical
Unity Gain Bandwidth - 220 MHz Typical
Low Noise - 0.15uVrms Typical (f=0.1Hz to 10Hz)
Very Accurate (Low Offset) ±75µV Max.
Pin Compatable with AD9610
MIL-PRF-38534 QUALIFIED
DESCRIPTION:
The MSK 739 is an inverting composite operational amplifier that combines extremely high bandwidth and slew rate with
excellent D.C. accuracy to produce an amplifier perfectly suited for high performance data aquisition and conversion as well
as high speed commmunication and line drive. The performance of the MSK 739 is guaranteed over the full military tem-
perature range and for more cost sensitive applications is available in an industrial version. The standard package style is a
space efficient 12 pin TO-8. However, alternate package styles are available upon request.
EQUIVALENT SCHEMATIC
TYPICAL APPLICATIONS
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
High Performance Data Aquisition
Coaxial Line Driver
Data Conversion Circuits
High Speed Communications
Ultra High Resolution Video Amplifier
Positive Power Supply
NC
Case Ground
Internal Feedback
Inverting Input
Non-Inverting Input
1
2
3
4
5
6
Ground
NC
Negative Power Supply
Negative Short Circuit
Output
Positive Short Circuit
7
8
9
10
11
12
Rev. A 4/02
1
EQUIVALENT SCHEMATIC


Similar Part No. - MSK739

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK738 MSK-MSK738 Datasheet
268Kb / 5P
INVERTING OPERATIONAL AMPLIFIER
MSK738B MSK-MSK738B Datasheet
268Kb / 5P
INVERTING OPERATIONAL AMPLIFIER
MSK738E MSK-MSK738E Datasheet
268Kb / 5P
INVERTING OPERATIONAL AMPLIFIER
MSK738 MSK-MSK738_15 Datasheet
421Kb / 5P
Wide Bandwidth
More results

Similar Description - MSK739

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2136 NJRC-NJM2136 Datasheet
168Kb / 3P
ULTRA WIDE BAND, HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
NE531 PHILIPS-NE531 Datasheet
159Kb / 8P
High slew rate operational amplifier
August 31, 1994
logo
Intersil Corporation
HA-2500883 INTERSIL-HA-2500883 Datasheet
193Kb / 7P
Precision High Slew Rate Operational Amplifier
September 2004
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
High Slew Rate Operational Amplifier
October 26, 2004
HFA-0005 INTERSIL-HFA-0005 Datasheet
759Kb / 10P
High Slew Rate Operational Amplifier
September 1998
logo
M.S. Kennedy Corporatio...
MSK707H MSK-MSK707H Datasheet
320Kb / 6P
ULTRA-ACCURATE/HIGH SLEW RATE INVERTING OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LH4124C NSC-LH4124C Datasheet
117Kb / 4P
HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2510 INTERSIL-HA-2510_06 Datasheet
209Kb / 7P
High Slew Rate Operational Amplifier
January 3, 2006
logo
Unisonic Technologies
M2136 UTC-M2136_11 Datasheet
166Kb / 4P
ULTRA WIDE BAND, HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com