Electronic Components Datasheet Search
  English  ▼

X  

MSK5231E Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK5231E
Description  POSITIVE ADJUSTABLE, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5231E Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK5231E Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5231E Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5231E Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5231E Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5231E Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
FEATURES:
ISO-9001 CERTIFIED BY DSCC
Hermetic Surface Mount Package
Low Dropout Voltage: 1.5V @ 2 Amps
Adjustable Output Voltage
On Board Thermal Overload Protection
Short Circuit Current Limiting
Output Current to 3 Amps
Second Source for 0M185
Pin Compatible with the OM7628NM
DESCRIPTION:
The MSK 5231 voltage regulator is a positive adjustable regulator that with proper heatsinking, can provide 3 Amps
of output current. Low dropout and impressive thermal characteristics help to improve efficiency and lower power
dissipation. An accurate reference voltage allows for precise output adjustment. The MSK 5231 is packaged in a
hermetic, space efficient 3 pin power surface mount ceramic package.
EQUIVALENT SCHEMATIC
5231
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
High Efficiency, High Current Linear Regulators
Constant Current Regulators
System Power Supplies
Switching Power Supply Post Regulators
Battery Chargers
VIN
Adjust
VOUT
1
2
3
1
Rev. - 7/02
MIL-PRF-38534 QUALIFIED
POSITIVE ADJUSTABLE, LOW DROPOUT
SURFACE MOUNT
VOLTAGE REGULATORS


Similar Part No. - MSK5231E

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5231 MSK-MSK5231 Datasheet
123Kb / 5P
Hermetic Surface Mount Package
logo
Anaren Microwave
MSK5231 ANAREN-MSK5231 Datasheet
123Kb / 5P
POSITIVE ADJUSTABLE, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5231H ANAREN-MSK5231H Datasheet
123Kb / 5P
POSITIVE ADJUSTABLE, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
More results

Similar Description - MSK5231E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
International Rectifier
OM183-5NM IRF-OM183-5NM Datasheet
18Kb / 2P
SURFACE MOUNT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATORS
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
International Rectifier
OM7621NM IRF-OM7621NM Datasheet
26Kb / 2P
SURFACE MOUNT LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
International Rectifier
OM185-5SM IRF-OM185-5SM Datasheet
35Kb / 2P
SURFACE MOUNT LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
logo
Anaren Microwave
MSK5231 ANAREN-MSK5231 Datasheet
123Kb / 5P
POSITIVE ADJUSTABLE, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
KIA Semiconductor Techn...
1117 KIA-1117 Datasheet
33Kb / 4P
1A LOW DROPOUT FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com