Electronic Components Datasheet Search
  English  ▼

X  

MSK5900RH Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK5900RH
Description  RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5900RH Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK5900RH Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5900RH Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5900RH Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5900RH Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5900RH Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5900RH Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5900RH Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Input Voltage Range
Feedback Voltage
Feedback Pin Current
Quiescent Current
Line Regulation
Load Regulation
Dropout Voltage
Minimum Output Current
Output Voltage Range
Output Current Limit
Shutdown Threshold
Shutdown Hysteresis
Ripple Rejection
Phase Margin
Gain Margin
Equivalent Noise Voltage
Thermal Resistance
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Power Dissipation
Junction Temperature
ABSOLUTE MAXIMUM RATINGS
+10V
4A
-55°C to +125°C
-40°C to +85°C
Supply Voltage
Output Current
Case Operating Temperature Range
MSK5900RH K/H/E
MSK5900RH
-65°C to +150°C
300°C
See SOA Curve
150°C
1
2
3
4
5
6
7
8
9
10
TST
TLD
PD
TC
+VIN
IOUT
TC
Unless otherwise specified, VIN=5.0V, R1=1.62K, VSHUTDOWN=0V and IOUT=10mA. See Figure 2.
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade and "E" suffix devices shall be tested to subgroups 1 and 4 unless otherwise requested.
Military grade devices ("H" suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroup 5 and 6 testing available upon request.
Subgroup 1,4
TC=+25°C
Subgroup 2,5
TC=+125°C
Subgroup 3,6
TA=-55°C
Output current limit is dependent upon the values of VIN and VOUT. See Figure 1 and typical performance curves.
Minimum VIN at -55°C and IOUT=1.0A is 4.0V due to current limit circuitry.
Consult factory for post radiation limits.
Continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle.
NOTES:
Group A
Subgroup
1
2,3
1
2,3
1,2,3
1
2,3
1
2,3
1
2,3
1
2,3
1
2,3
-
1
2,3
1
2,3
1
2,3
4
5,6
4,5,6
4,5,6
4,5,6
-
10mA
≤ IOUT ≤ 1.0A
10mA
≤ IOUT ≤ 1.0A R1=187Ω
VFB=1.265V 10mA
≤ IOUT ≤ 1.0A
VIN=7.5V
Not Including IOUT
IOUT=10mA 2.8V
≤ VIN ≤ 7.5V
R1=187
Ω
10mA
≤ IOUT ≤ 1.0A
Delta FB=1% IOUT=1.0A
2.8V
≤ VIN ≤ 7.5V
R1=187
Ω
VIN=7.5V
VIN=4.4V VOUT=3.3V
VOUT
≤ 0.2V (OFF)
VOUT=Nominal (ON)
Difference between voltage
threshold of VSDI (ON) and VSDI (OFF)
f=1KHz to 10KHz
10mA
≤ IOUT ≤ 1.0A 1.0V=VIN-VOUT
Referred to Feedback Pin
Junction to Case @ 125°C Output Device
Typ.
-
-
1.265
-
-
14
14
±0.01
-
±0.06
-
0.22
0.26
8
9
-
1.75
1.75
1.3
1.3
0.02
0.03
-
-
70
18
-
6.9
Test Conditions
Max.
7.5
7.5
1.305
1.305
5.0
20
20
±0.50
±0.50
±0.80
±0.80
0.70
0.70
10
10
6.8
2.0
2.2
1.6
1.6
0.2
0.2
-
-
-
-
50
7.5
Min.
2.8
2.8
1.225
1.225
0
-
-
-
-
-
-
-
-
-
-
1.5
1.5
1.3
1.0
1.0
-
-
20
20
30
10
-
-
Min.
2.8
-
1.202
-
0
-
-
-
-
-
-
-
-
-
-
1.5
1.3
-
1.0
-
-
-
20
-
30
10
-
-
Max.
7.5
-
1.328
-
5.0
20
-
±0.60
-
±1.0
-
0.75
-
10
-
6.7
2.2
-
1.6
-
0.2
-
-
-
-
-
50
7.8
Typ.
-
-
1.265
-
-
14
-
0.01
-
0.06
-
0.22
-
8
-
-
1.75
-
1.3
-
0.02
-
-
-
70
18
-
6.9
V
V
V
V
µA
mA
mA
%VOUT
%VOUT
%VOUT
%VOUT
V
V
mA
mA
V
A
A
V
V
V
V
dB
dB
degrees
dB
µVRMS
°C/W
MSK5900K/H/E
MSK5900
Parameter
ELECTRICAL SPECIFICATIONS
2
Rev. F 2/06
Units
1
8
2
2
2
7
2
2
2
2
2
2
9
7
10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com