Electronic Components Datasheet Search
  English  ▼

X  

MSK0041 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK0041
Description  HIGH POWER OP-AMP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK0041 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK0041 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK0041 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK0041 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK0041 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK0041 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK0041 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK0041 Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
MIL-PRF-38534 QUALIFIED
Servo Amplifer
Motor Driver
TYPICAL APPLICATIONS
1 ISC+
2 Compensation
3 GND
4 NC
5 -Input
6 +Input
7 Balance
8 Balance
9 ISC-
10 -VCC
11 Output
12 +VCC
1
PIN-OUT INFORMATION
Rev. - 4/02
ISO 9001 CERTIFIED BY DSCC
FEATURES:
Available as SMD #5962-8508701
Output Current - 0.5 Amps Peak
Low Power Consumption-Class C Design
Programmable Current Limit
High Slew Rate
Continuous Output Short Circuit Duration
Replacement for LH0041
Available in a surface mount package
EQUIVALENT SCHEMATIC
MSK0041
HIGH POWER
OP-AMP
M.S KENNEDY CORP.
0041
SERIES
MEDIUM POWER
OP-AMP
MSK0041FP
DESCRIPTION:
The MSK 0041 and 0041FP are general purpose Class C power operational amplifiers. These amplifiers offer high
output currents, making them an excellent low cost choice for motor drive circuits. The amplifier and load can be pro-
tected from fault conditions through the use of internal current limit circuitry that can be user programmed with two
external resistors. These devices are also compensated with a single external capacitor. The MSK 0041 is available in a
hermetically sealed 12 pin TO-8 package. The MSK 0041FP is packaged in a 12 pin hermetic metal flatpack.
MSK0041 FP
1 GND
2 Balance
3 -Input
4 +Input
5 Balance
6 NC
7 -VCC
8 ISC-
9 Output
10 ISC+
11 +VCC
12 Compensation
Audio Amplifier
Programmable Power Supply
MSK0041
(PIN NUMBERS ARE FOR TO-8)


Similar Part No. - MSK0041

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK0041 ANAREN-MSK0041 Datasheet
169Kb / 7P
HIGH POWER OP-AMP
MSK0041B ANAREN-MSK0041B Datasheet
169Kb / 7P
HIGH POWER OP-AMP
MSK0041FP ANAREN-MSK0041FP Datasheet
169Kb / 7P
HIGH POWER OP-AMP
MSK0041FPH ANAREN-MSK0041FPH Datasheet
169Kb / 7P
HIGH POWER OP-AMP
MSK0041HRH ANAREN-MSK0041HRH Datasheet
515Kb / 7P
RAD HARD MEDIUM POWER OP-AMP
More results

Similar Description - MSK0041

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
541 MSK-541 Datasheet
482Kb / 7P
HIGH POWER OP-AMP
MSK2541 MSK-MSK2541 Datasheet
327Kb / 6P
DUAL HIGH POWER OP-AMP
MSK106RH MSK-MSK106RH Datasheet
449Kb / 9P
RADIATION HARDENED HIGH POWER OP-AMP
MSK-0021FP MSK-MSK-0021FP Datasheet
330Kb / 8P
HIGH POWER OP-AMP
logo
Anaren Microwave
MSK0021 ANAREN-MSK0021 Datasheet
854Kb / 9P
HIGH POWER OP-AMP
MSK0021FP ANAREN-MSK0021FP Datasheet
854Kb / 9P
HIGH POWER OP-AMP
MSK0041FP ANAREN-MSK0041FP Datasheet
169Kb / 7P
HIGH POWER OP-AMP
MSK106RH ANAREN-MSK106RH Datasheet
474Kb / 8P
RADIATION HARDENED HIGH POWER OP-AMP
MSK145 ANAREN-MSK145 Datasheet
246Kb / 8P
HIGH POWER OP-AMP
MSK2541 ANAREN-MSK2541 Datasheet
453Kb / 7P
DUAL HIGH POWER OP-AMP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com