Electronic Components Datasheet Search
  English  ▼

X  

NT68F62 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # NT68F62
Description  8-Bit Microcontroller for Monitor (32K Flash MTP Type)
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NT68F62 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button NT68F62 Datasheet HTML 17Page - List of Unclassifed Manufacturers NT68F62 Datasheet HTML 18Page - List of Unclassifed Manufacturers NT68F62 Datasheet HTML 19Page - List of Unclassifed Manufacturers NT68F62 Datasheet HTML 20Page - List of Unclassifed Manufacturers NT68F62 Datasheet HTML 21Page - List of Unclassifed Manufacturers NT68F62 Datasheet HTML 22Page - List of Unclassifed Manufacturers NT68F62 Datasheet HTML 23Page - List of Unclassifed Manufacturers NT68F62 Datasheet HTML 24Page - List of Unclassifed Manufacturers NT68F62 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
NT68F62
21
12. I/O PORTs
The NT68F62 has 25 pins dedicated to input and output.
These pins are grouped into 4 ports.
12.1. PORT0: P00 - P07
PORT0 is an 8-bit bi-directional CMOS I/O port with PMOS
as internal pull-up (Figure 12.1). Each pin of PORT0 may
be bit programmed as an input or output port without
software controlling the data direction register. When Port0
works as an output, the data to be output are latched to the
port data register and output to the pin. PORT0 pins that
have '1's written to them are pulled HIGH by the internal
PMOS pull-ups. In this state they can be used as inputs
and then the input signals can be read. This port output is
high after reset.
P00 - P05 are shared with DAC7 - DAC12 respectively. If
ENDK7 - ENDK12 is set to LOW in the ENDAC register,
P00 - P05 will act as DAC7 - DAC12 respectively (Figure
12.2). After the chip is reset,
ENDK7 - ENDK12 will be in
the HIGH state and P00 - P05s will act as I/O ports.
P06 、 P07 are shared with VSYNCO & HSYNCO
respectively. If ENHOUT、 ENVOUT is set to LOW in the
HVCON register, P06 、 P07 will act as VSYNCO &
HSYNCO respectively (Figure 12.3). After the chip is reset,
ENHOUT & ENVOUT will be in the HIGH state and
P06、P07 will act as I/O pins.
Addr.
Register
INIT
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
$0000
PT0
FFH
P07
P06
P05
P04
P03
P02
P01
P00
RW
FFH
―
―
HSYNCI
VSYNCI
HPOLI
VPOLI
HPOLO
VPOLO
R
$0007
HV CON
FFH
ENHOUT
ENVOUT
―
―
―
―
HPOLO
VPOLO
W
$000F
ENDAC
FFH
―
―
ENDK12
ENDK11
ENDK10
ENDK9
ENDK8
ENDK7
W
VDD
I/O
Data Out
Data In
Figure 12.1. I/O Structure
PWM
Output
PWM
Data In
Figure 12.2. PWM Output Structure
VDD
O/P
Data Out
Figure 12.3. Output Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com