Electronic Components Datasheet Search
  English  ▼

X  

LNP728021 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LNP728021
Description  FULL COLOR PANEL DISPLAY UNITS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LNP728021 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LNP728021 Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
335
FULL COLOR PANEL DISPLAY UNITS
Item
Symbol
Ratings
Unit
Supply Voltage for Logic
Supply Voltage for LED
Input Voltage
Operating Ambient Temperature
Storage Temperature
VCC
VLED
Vin
Topr
Tstg
− 0.3 ∼ + 5.25
R:
+ 3.2 PG: + 5.0 PB: + 5.0
− 0.3 ∼ V
CC + 0.3
− 20 ∼ + 45
− 30 ∼ + 80
V
V
V
°C
°C
160
× 160 mm
□ 10 mm 16
× 16 Dots LNP728021
■ Absolute Maximum Ratings (Ta
= 25°C)
■ Main Specifications (Ta
= 25°C)
■ Outline Drawing
Display Colors
Display Surface Size
Dot Total Number
Dot Structure
Dots Pitch
Brightness(when lighting all lamps)
Area Gradation
Peak Emission Wavelength (Typ)
Viewing Angle (50% Luminous)
Operating Method
Date Forward Frequency
Clock Frequency
Mass
Full Color (Red, Green, Blue)
160
× 160
256 (
□10 16
× 16)
R:1 PG:1 PB:1
10.0
(W):5000
R:PG:PB
256 gradation for each color
R:620 PG:525 PB:468
Level 120, Up10, Down30
1/4
(Duty)
Dynamic lighting
mm
mm
cd/m2
Item
Symbol
Ratings
Unit
B
λ p
for Logic
for LED
Supply Voltage
Supply Current
Supply Voltage
Supply Current
VCC
ICC
VR
VPG・VPB
IR
IPG
IPB
8
500
5.0 ± 0.25
Max 0.5
3.0
4.8
Max 3.4
Max 2.5
Max 1.0
610
nm
°
MHz
KHz
V
A
V
A
g
2
θ 1/2


Similar Part No. - LNP728021

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNP728031 PANASONIC-LNP728031 Datasheet
100Kb / 1P
FULL COLOR PANEL DISPLAY UNITS
More results

Similar Description - LNP728021

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN2561244UNB PANASONIC-LN2561244UNB Datasheet
85Kb / 1P
PANEL DISPLAY UNITS
LNP123031 PANASONIC-LNP123031 Datasheet
54Kb / 1P
PANEL DISPLAY UNITS
LNP128011 PANASONIC-LNP128011 Datasheet
95Kb / 1P
PANEL DISPLAY UNITS
LNP143011 PANASONIC-LNP143011 Datasheet
64Kb / 1P
PANEL DISPLAY UNITS
LNP173014 PANASONIC-LNP173014 Datasheet
55Kb / 1P
PANEL DISPLAY UNITS
LNP720131 PANASONIC-LNP720131 Datasheet
178Kb / 1P
FULL COLOR PANEL DISPLAY UNITS
LNP721031G PANASONIC-LNP721031G Datasheet
139Kb / 1P
FULL COLOR PANEL DISPLAY UNITS
LNP721041 PANASONIC-LNP721041 Datasheet
234Kb / 1P
FULL COLOR PANEL DISPLAY UNITS
LNP728031 PANASONIC-LNP728031 Datasheet
100Kb / 1P
FULL COLOR PANEL DISPLAY UNITS
LNP729101 PANASONIC-LNP729101 Datasheet
130Kb / 1P
FULL COLOR PANEL DISPLAY UNITS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com