Electronic Components Datasheet Search
  English  ▼

X  

DG2004 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG2004
Description  Low-Voltage Dual SPST Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2004 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG2004 Datasheet HTML 1Page - Vishay Siliconix DG2004 Datasheet HTML 2Page - Vishay Siliconix DG2004 Datasheet HTML 3Page - Vishay Siliconix DG2004 Datasheet HTML 4Page - Vishay Siliconix DG2004 Datasheet HTML 5Page - Vishay Siliconix DG2004 Datasheet HTML 6Page - Vishay Siliconix DG2004 Datasheet HTML 7Page - Vishay Siliconix DG2004 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DG2003/2004/2005
Vishay Siliconix
New Product
Document Number: 71754
S-05298—Rev. B, 17-Dec-01
www.vishay.com
3
SPECIFICATIONS (V+ = 3.0 V)
Test Conditions
Otherwise Unless Specified
Limits
–40 to 85
_C
Parameter
Symbol
V+ = 3 V,
"10%, VIN = 0.4 or 2.0 Ve
Tempa
Minb
Typc
Maxb
Unit
Analog Switch
Analog Signal Ranged
VNO, VNC,
VCOM
Full
0
V+
V
On-Resistance
rON
V+ = 2.7 V, VCOM = 1.5 V, INO, INC = 10 mA
Room
Full
2.2
2.4
3.5
3.7
W
rON Flatnessd
rON
Flatness
V+ = 2.7 V, VCOM = 0 to V+, INO, INC = 10 mA
Room
0.5
W
INO(off),
INC(off)
V+ = 3.3 V
Room
Full
–500
–6.0
500
6.0
pA
nA
Switch Off Leakage Currentf
ICOM(off)
V+ = 3.3 V
VNO, VNC = 1 V/3 V, VCOM = 3 V/1 V
Room
Full
–500
–6.0
500
6.0
pA
nA
Channel-On Leakage Currentf
ICOM(on)
V+ = 3.3 V, VNO, VNC = VCOM = 1 V/3 V
Room
Full
–500
–6.0
500
6.0
pA
nA
Digital Control
Input High Voltage
VINH
Full
2
Input Low Voltage
VINL
Full
0.4
V
Input Capacitanced
Cin
Full
5
pF
Input Current
IINL or IINH
VIN = 0 or V+
Full
–1
1
mA
Dynamic Characteristics
Turn-On Timed
tON
VNO or VNC = 2.0 V, RL = 300 W, CL = 35 pF
Room
Full
19
35
36
Turn-Off Timed
tOFF
VNO or VNC = 2.0 V, RL = 300 W, CL = 35 pF
Figure 1 and 2
Room
Full
17
31
34
ns
Charge Injectiond
QINJ
CL = 1 nF, VGEN = 0 V, RGEN = 0 W, Figure 3
Room
1
pC
Off-Isolationd
OIRR
W
Room
–61
Crosstalkd
XTALK
RL = 50 W, CL = 5 pF, f = 1 MHz
Room
–67
dB
NO, NC Off Capacitanced
CNO(off),
CNC(off)
VIN = 0 or V+, f = 1 MHz
Room
53
pF
Channel-On Capacitanced
CON
VIN = 0 or V+, f = 1 MHz
Room
110
pF
Power Supply
Power Supply Range
V+
2.7
3.3
V
Power Supply Current
I+
0.02
1.0
mA
Power Consumption
PC
VIN = 0 or V+
3.3
mW



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com