Electronic Components Datasheet Search
  English  ▼

X  

PTC305CSERIES Datasheet(PDF) 7 Page - Vishay Siliconix

Part # PTC305CSERIES
Description  PTC Thermistors Motor Start Packages
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTC305CSERIES Datasheet(HTML) 7 Page - Vishay Siliconix

  PTC305CSERIES Datasheet HTML 1Page - Vishay Siliconix PTC305CSERIES Datasheet HTML 2Page - Vishay Siliconix PTC305CSERIES Datasheet HTML 3Page - Vishay Siliconix PTC305CSERIES Datasheet HTML 4Page - Vishay Siliconix PTC305CSERIES Datasheet HTML 5Page - Vishay Siliconix PTC305CSERIES Datasheet HTML 6Page - Vishay Siliconix PTC305CSERIES Datasheet HTML 7Page - Vishay Siliconix PTC305CSERIES Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PTC305C Series
www.vishay.com
Vishay Cera-Mite
Revision: 11-Sep-15
7
Document Number: 23086
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VISHAY CERA-MITE MOTOR START FEATURES
ADVANCED CERAMIC ENGINEERING FOR HVAC
Vishay Cera-Mite’s capability in large diameter ceramic
pellets, unique formulations tailored to motor starting, and
heavy duty electrode systems, have been developed and
proven with the cooperation of HVAC industry experts over
a period of more than 30 years.
INHERENT PERFORMANCE
Large diameter pellets make possible low resistance start
devices needed to match torque requirements of high
efficiency compressor motors.
Various package sizes offer selection of timing intervals,
providing optimum switching time without dependence on
sensing speed, counter EMF, or current.
RUGGED MECHANICAL CONSTRUCTION
Vishay Cera-Mite PTC cases are molded from a UL 94 V-0
high temperature, engineered plastic/glass composite.
Heavy duty aluminum contact plates and stainless steel
force springs are scaled to the pellet sizes and current
ratings to insure no internal arcing and to enhance quick
reset time.
Unbreakable metal mounting brackets, sold separately,
attach securely with a single screw. The “U” - brackets
developed by Vishay Cera-Mite feature lower power
consumption and greater reliability by maximizing case to
ground thermal impedance.
SIMPLE AND ECONOMICAL
A solid state device requiring only 2 quick connect wires and
one bracket screw to install. Compared to the alternative
start capacitor and relay, PTC start devices save several
wires, occupy less panel space, mount more easily, and
cost less.
OUTSTANDING RELIABILITY
Over a twenty year period, with an installed base of millions
of Vishay Cera-Mite PTC start devices, experience has
demonstrated reliability at 1.0 FIT or less. Users have
benefited from very low warranty expense.
RESTART CONSIDERATIONS
A properly sized PTC will provide adequate starting current and starting time with a cool down time of 3 min to 5 min,
coordinating perfectly with standard “off delay” equalization timers restart characteristics of the three case sizes are shown.
Fig T-13
Fig T-14
Fig T-15
25
% Initial
Current
50
75
100
0
0
0.2
0.4
0.6
0.8
5 Min Coolin g
3 Min
Cooling
Cold
Start
0
0.2
0.4
0.6
0.8
1.0
5 Min Cooling
3 Min
Cooling
Cold
Start
25
50
75
100
0
0
0.2
0.4
0.6
0.8
1.0
25
50
75
100
0
1.2
Cold
Start
3 Min
Cooling
5 Min Cooling
Time (s)
Time (s)
Time (s)
CASE STYLE C
CASE STYLE B
CASE STYLE A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com