Electronic Components Datasheet Search
  English  ▼

X  

SI5904DC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI5904DC
Description  Dual N-Channel 2.5 V (G-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5904DC Datasheet(HTML) 2 Page - Vishay Siliconix

  SI5904DC Datasheet HTML 1Page - Vishay Siliconix SI5904DC Datasheet HTML 2Page - Vishay Siliconix SI5904DC Datasheet HTML 3Page - Vishay Siliconix SI5904DC Datasheet HTML 4Page - Vishay Siliconix SI5904DC Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number: 71065
S10-0548-Rev. D, 08-Mar-10
Vishay Siliconix
Si5904DC
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
0.6
1.5
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 12 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
1
µA
VDS = 20 V, VGS = 0 V, TJ = 85 °C
5
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 4.5 V
10
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 4.5 V, ID = 3.1 A
0.065
0.075
Ω
VGS = 2.5 V, ID = 2.3 A
0.115
0.143
Forward Transconductancea
gfs
VDS = 10 V, ID = 3.1 A
8S
Diode Forward Voltagea
VSD
IS = 0.9 A, VGS = 0 V
0.8
1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = 10 V, VGS = 4.5 V, ID = 3.1 A
46
nC
Gate-Source Charge
Qgs
0.6
Gate-Drain Charge
Qgd
1.3
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 10 Ω
ID ≅ 1 A, VGEN = 4.5 V, Rg = 6 Ω
12
18
ns
Rise Time
tr
35
55
Turn-Off Delay Time
td(off)
19
30
Fall Time
tf
915
Source-Drain Reverse Recovery Time
trr
IF = 0.9 A, dI/dt = 100 A/µs
40
80
Output Characteristics
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS = 5 V thru 3 V
2 V
VDS - Drain-to-Source Voltage (V)
1.5 V
2.5 V
Transfer Characteristics
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
TC = - 55 °C
125 °C
25 °C
VGS - Gate-to-Source Voltage (V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com