Electronic Components Datasheet Search
  English  ▼

X  

SIC414/424 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SIC414/424
Description  microBUCK® PRODUCT FAMILY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC414/424 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SIC414/424 Datasheet HTML 4Page - Vishay Siliconix SIC414/424 Datasheet HTML 5Page - Vishay Siliconix SIC414/424 Datasheet HTML 6Page - Vishay Siliconix SIC414/424 Datasheet HTML 7Page - Vishay Siliconix SIC414/424 Datasheet HTML 8Page - Vishay Siliconix SIC414/424 Datasheet HTML 9Page - Vishay Siliconix SIC414/424 Datasheet HTML 10Page - Vishay Siliconix SIC414/424 Datasheet HTML 11Page - Vishay Siliconix SIC414/424 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
microBUCK® PRODUCT FAMILY
SIC413
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
IOUT (A)
96
94
92
90
88
86
84
82
80
78
VIN = 12 V, VO = 3.3 V, FS = 300 kHz
SiC413
Competitor A
SiC413CB versus competitor efficiency
SiC413CB block diagram
COMP
VIN
VREG
VSW
GM
EN
BOOT
FB
PWM
VREG
GND
UVLO
Shutdown
control
OTP
OVP
Control logic and
active dead time
Over
Current
FOSC
5.5 VREG
BOOT
VSW
GND
+ 12 V
VOUT
VIN
VREG
EN
COMP
FB
To System
To Load
SiC413
Controller
SiC413CB typical application circuit
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO
SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VMN-PL0427-1210
8/12
PRODUCT OVERVIEW
POWER ICS
ON
AND TEC
1 9 6 2 - 2 0 1 2
VI SH AY I N TE R TE C H N O L OGY, I NC .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com