Electronic Components Datasheet Search
  English  ▼

X  

SIC471 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIC471
Description  4.5 V to 55 V Input, 3 A, 5 A, 8 A, 12 A microBUCK® DC/DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC471 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIC471 Datasheet HTML 1Page - Vishay Siliconix SIC471 Datasheet HTML 2Page - Vishay Siliconix SIC471 Datasheet HTML 3Page - Vishay Siliconix SIC471 Datasheet HTML 4Page - Vishay Siliconix SIC471 Datasheet HTML 5Page - Vishay Siliconix SIC471 Datasheet HTML 6Page - Vishay Siliconix SIC471 Datasheet HTML 7Page - Vishay Siliconix SIC471 Datasheet HTML 8Page - Vishay Siliconix SIC471 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
SiC471, SiC472, SiC473, SiC474
www.vishay.com
Vishay Siliconix
S21-1143-Rev. G, 29-Nov-2021
4
Document Number: 75786
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) For input voltages below 5 V, provide a separate supply to VCIN of at least 5 V to prevent the internal VDD rail UVLO from triggering
RECOMMENDED OPERATING CONDITIONS (all voltages referenced to GND = 0 V)
PARAMETER
MIN.
TYP.
MAX.
UNIT
Input voltage (VIN)4.5
-
55
V
Control input voltage (VCIN) (1)
4.5
-
55
Enable (EN)
0
-
55
Bias supply (VDD)
4.75
5
5.25
Drive supply voltage (VDRV)
4.75
5.3
5.55
Output voltage (VOUT)
0.8
-
0.92 x VIN
Temperature
Recommended ambient temperature
-40 to +105
°C
Operating junction temperature
-40 to +125
ELECTRICAL SPECIFICATIONS (VIN = VCIN = 48 V, VEN = 5 V, TJ = -40 °C to +125 °C, unless otherwise stated)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Power Supplies
VDD supply
VDD
VIN = VCIN = 6 V to 55 V
4.75
5
5.25
V
VIN = VCIN = 5 V
4.7
5
-
VDD dropout
VDD_DROPOUT
VIN = VCIN = 5 V, IVDD = 1 mA
-
70
-
mV
VDD UVLO threshold, rising
VDD_UVLO
4
4.25
4.5
V
VDD UVLO hysteresis
VDD_UVLO_HYST
-
225
-
mV
Maximum VDD current
IDD
VIN = VCIN = 6 V to 55 V
3
-
-
mA
VDRV supply
VDRV
VIN = VCIN = 6 V to 55 V
4.75
5.3
5.55
V
VIN = VCIN = 5 V
4.8
5
5.2
VDRV dropout
VDRV_DROPOUT
VIN = VCIN = 5 V, IVDD = 10 mA
-
160
-
mV
Maximum VDRV current
VDRV
VIN = VCIN = 6 V to 55 V
30
-
-
mA
VDRV UVLO threshold, rising
VDRV_UVLO
4
4.25
4.5
V
VDRV UVLO hysteresis
VDRV_UVLO_HYST
-
295
-
mV
Input current
IVCIN
Non-switching, VFB > 0.8 V
-
235
325
μA
Shutdown current
IVCIN_SHDN
VEN = 0 V
-
4
8
Controller and Timing
Feedback voltage
VFB
TJ = 25 °C
796
800
804
m/V
TJ = -40 °C to +125 °C (1)
792
800
808
VFB input bias current
IFB
-2
-
nA
Transconductance
gm
-0.3
-
mS
COMP source current
ICOMP_SOURCE
15
20
-
μA
COMP sink current
ICOMP_SINK
15
20
-
Minimum on-time
tON_MIN.
-
90
110
ns
tON accuracy
tON_ACCURACY
-10
-
10
%
On-time range
tON_RANGE
110
-
8000
ns
Frequency range
fsw
Ultrasonic mode enabled
20
-
2000
kHz
Ultrasonic mode disabled
0
-
2000
Minimum off-time
tOFF_MIN.
190
250
310
ns
Soft start current
ISS
35
7
μA
Soft start voltage
VSS
When VOUT reaches regulation
-
1.5
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com