Electronic Components Datasheet Search
  English  ▼

X  

VP0300LS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VP0300LS
Description  P-Channel 30-V (D-S) MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VP0300LS Datasheet(HTML) 1 Page - Vishay Siliconix

  VP0300LS Datasheet HTML 1Page - Vishay Siliconix VP0300LS Datasheet HTML 2Page - Vishay Siliconix VP0300LS Datasheet HTML 3Page - Vishay Siliconix VP0300LS Datasheet HTML 4Page - Vishay Siliconix VP0300LS Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VP0300L/LS, VQ2001J/P
Vishay Siliconix
Document Number: 70217
S-04279—Rev. E, 16-Jul-01
www.vishay.com
11-1
P-Channel 30-V (D-S) MOSFETs
PRODUCT SUMMARY
Part Number
V(BR)DSS Min (V) rDS(on) Max (W)
VGS(th) (V)
ID (A)
VP0300L
2.5 @ VGS = –12 V
–2 to –4.5
–0.32
VP0300LS
2.5 @ VGS = –12 V
–2 to –4.5
–0.5
VQ2001J
–30
2 @ VGS = –12 V
–2 to –4.5
–0.6
VQ2001P
2 @ VGS = –12 V
–2 to –4.5
–0.6
FEATURES
BENEFITS
APPLICATIONS
D High-Side Switching
D Low On-Resistance: 1.5 W
D Moderate Threshold: –3.1 V
D Fast Switching Speed: 17 ns
D Low Input Capacitance: 60 pF
D Ease in Driving Switches
D Low Offset (Error) Voltage
D Low-Voltage Operation
D High-Speed Switching
D Easily Driven Without Buffer
D Drivers: Relays, Solenoids, Lamps, Hammers,
Displays, Memories, Transistors, etc.
D Battery Operated Systems
D Power Supply, Converter Circuits
D Motor Control
TO-226AA
(TO-92)
Top View
S
D
G
1
2
3
TO-92S
(Copper Lead Frame)
Top View
S
D
G
1
2
3
Plastic: VQ2001J
Sidebraze: VQ2001P
VP0300L
VP0300LS
S3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Top View
Dual-In-Line
D1
D4
S1
S4
G1
G4
NC
NC
G2
G3
S2
D2
D3
P
P
P
P
For device marking, see the last page of this data sheet.
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
VQ2001J/P
Parameter
Symbol
VP0300L
VP0300LS
Single
Total Quad
Unit
Drain-Source Voltage
VDS
–30
–30
–30
–30
Gate-Source Voltage
VGS
"20
"20
"20
"20
V
Continuous Drain Current
TA= 25_C
–0.32
–0.5
–0.6
–0.6
Continuous Drain Current
(TJ = 150_C)
TA= 100_C
ID
–0.2
–0.32
–0.37
–0.37
A
Pulsed Drain Currenta
IDM
–2.4
–3
–2
–2
TA= 25_C
0.8
0.9
1.3
2
Power Dissipation
TA= 100_C
PD
0.32
0.4
0.52
0.8
W
Thermal Resistance, Junction-to-Ambient
RthJA
156
139
96
62.5
_C/W
Operating Junction and
Storage Temperature Range
TJ, Tstg
–55 to 150
_C
Notes
a.
Pulse width limited by maximum junction temperature.
For applications information see AN804.


Similar Part No. - VP0300LS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VP0300LS VISHAY-VP0300LS Datasheet
42Kb / 4P
P-Channel 30-V (D-S) MOSFETs
16-Jul-01
VP0300LS VISHAY-VP0300LS Datasheet
250Kb / 4P
P-Channel Enhancement-Mode MOSFET Transistors
More results

Similar Description - VP0300LS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VQ3001J VISHAY-VQ3001J Datasheet
50Kb / 6P
Dual N-/Dual P-Channel 30-V (D-S) MOSFETs
16-Jul-01
VP0300L VISHAY-VP0300L Datasheet
42Kb / 4P
P-Channel 30-V (D-S) MOSFETs
16-Jul-01
SI4955DY VISHAY-SI4955DY Datasheet
92Kb / 8P
Assymetrical Dual P-Channel 30-V/20-V (D-S) MOSFETs
24-Nov-03
SI4955DY VISHAY-SI4955DY_05 Datasheet
126Kb / 9P
Asymmetrical Dual P-Channel 30-V/20-V (D-S) MOSFETs
12-Jun-06
SIZ702DT VISHAY-SIZ702DT Datasheet
159Kb / 12P
N-Channel 30-V (D-S) MOSFETs
02-Nov-09
SIZ730DT VISHAY-SIZ730DT Datasheet
209Kb / 14P
N-Channel 30 V (D-S) MOSFETs
04-Apr-11
SIZ730DT VISHAY-SIZ730DT_12 Datasheet
211Kb / 14P
N-Channel 30 V (D-S) MOSFETs
28-Nov-11
SIZ702DT VISHAY-SIZ702DT_V01 Datasheet
195Kb / 14P
N-Channel 30 V (D-S) MOSFETs
28-Nov-11
SIZ704DT VISHAY-SIZ704DT_V01 Datasheet
201Kb / 14P
N-Channel 30-V (D-S) MOSFETs
28-Nov-11
VQ3001J VISHAY-VQ3001J_V01 Datasheet
63Kb / 7P
Dual N-/Dual P-Channel 30-V (D-S) MOSFETs
16-Jul-01
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com