Electronic Components Datasheet Search
  English  ▼

X  

SIC474 Datasheet(PDF) 21 Page - Vishay Siliconix

Part # SIC474
Description  4.5 V to 55 V Input, 3 A, 5 A, 8 A, 12 A microBUCK® DC/DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC474 Datasheet(HTML) 21 Page - Vishay Siliconix

Back Button SIC474 Datasheet HTML 17Page - Vishay Siliconix SIC474 Datasheet HTML 18Page - Vishay Siliconix SIC474 Datasheet HTML 19Page - Vishay Siliconix SIC474 Datasheet HTML 20Page - Vishay Siliconix SIC474 Datasheet HTML 21Page - Vishay Siliconix SIC474 Datasheet HTML 22Page - Vishay Siliconix SIC474 Datasheet HTML 23Page - Vishay Siliconix SIC474 Datasheet HTML 24Page - Vishay Siliconix SIC474 Datasheet HTML 25Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
SiC471, SiC472, SiC473, SiC474
www.vishay.com
Vishay Siliconix
S21-1143-Rev. G, 29-Nov-2021
21
Document Number: 75786
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PCB LAYOUT RECOMMENDATIONS
Step 1: VIN/GND Planes and Decoupling
Fig. 56
1. Layout VIN and PGND planes as shown above
2. Ceramic capacitors should be placed between VIN and
PGND, and very close to the device for best decoupling
effect
3. Various ceramic capacitor values and package sizes
should be used to cover entire coupling spectrum
e.g. 1210 and 0603
4. Smaller capacitance values, closer to VIN pin(s), provide
better high frequency response
Step 2: VCIN Pin
Fig. 57
1. VCIN is the input pin for both internal LDO and tON block.
tON varies with input voltage and it is necessary to put a
decoupling capacitor close to this pin
2. The connection can be made through a via and the
capacitor can be placed at bottom layer
Step 3: SW Plane
Fig. 58
1. Connect output inductor to device with large plane to
lower resistance
2. If
any
snubber
network
is
required,
place
the
components on the bottom side as shown above
Step 4: VDD/VDRV Input Filter
Fig. 59
1. CVDD cap should be placed between VDD and AGND to
achieve best noise filtering
2. CVDRV cap should be placed close to VDRV and PGND pins
to reduce effects of trace impedance and provide
maximum instantaneous driver current for low side
MOSFET during switching cycle
VIN
VSWH
VIN Plane
PGND Plane
Vcin decouple cap
AGND Plane
PGND Plane
VSWH
AGND
P
G
N
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com