Electronic Components Datasheet Search
  English  ▼

X  

54ALS51 Datasheet(PDF) 4 Page - Silicon Supplies

Part # 54ALS51
Description  Advanced Low Power Schottky Logic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54ALS51 Datasheet(HTML) 4 Page - Silicon Supplies

  54ALS51 Datasheet HTML 1Page - Silicon Supplies 54ALS51 Datasheet HTML 2Page - Silicon Supplies 54ALS51 Datasheet HTML 3Page - Silicon Supplies 54ALS51 Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4 of 4
www.siliconsupplies.com
Advanced Low Power Schottky Logic – 54ALS51
Rev 1.0
24/11/17
AC Electrical Characteristics4
LIMITS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Turn-Off Delay,
Input to Output
tPLH
VCC = 5V, CL = 50pF,
RL = 500Ω
2
-
14
Turn-On Delay,
Input to Output
tPHL
VCC = 5V, CL = 50pF,
RL = 500Ω
3
-
12
ns
4. Not production tested in die form, characterized by chip design and tested in package.
DISCLAIMER: The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With respect to
any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Silicon Supplies Ltd
hereby disclaims any and all warranties and liabilities of any kind.
LIFE SUPPORT POLICY: Silicon Supplies Ltd components may be used in life support devices or systems only with the express written
approval of Silicon Supplies Ltd, if a failure of such components can reasonably be expected to cause the failure of that life support device or system or
to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body or to
support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may
be endangered.
Switching Waveform
DUT
CL*
OUTPUT
TEST POINT
Test Circuit
* Includes all probe and jig capacitance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com