Electronic Components Datasheet Search
  English  ▼

X  

74ALS51 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 74ALS51
Description  2-wide 3-Input, 2-wide 2-Input AND-OR-Invert Gate IC in bare die form
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ALS51 Datasheet(HTML) 2 Page - Silicon Supplies

  74ALS51 Datasheet HTML 1Page - Silicon Supplies 74ALS51 Datasheet HTML 2Page - Silicon Supplies 74ALS51 Datasheet HTML 3Page - Silicon Supplies 74ALS51 Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
www.siliconsupplies.com
d
Advanced Low Power Schottky Logic – 74ALS51
Rev 1.0
24/11/17
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
1A
0.110
0.215
2
2A
0.325
0.100
3
2B
0.515
0.100
4
2C
0.705
0.100
5
2D
0.895
0.100
6
2Y
1.150
0.215
7
GND
1.150
0.585
8
1Y
1.150
0.985
9
1D
0.895
1.070
10
1E
0.705
1.070
11
1F
0.515
1.070
12
1B
0.325
1.070
13
1C
0.110
0.985
14
VCC
0.295
0.610
CONNECT CHIP BACK TO GND OR FLOAT
Pad Layout and Functions
Logic Diagram
1400µm (55.12 mils)
0,0
Truth Table
1
2
3
4
5
6
7
9
10
11
12
8
13
14
DIE ID
INPUTS
OUTPUT
1A
1B
1C
1D
1E
1F
1Y
H
H
H
X
X
X
L
X
X
X
H
H
H
L
All other combinations
H
INPUTS
OUTPUT
2A
2B
2C
2D
2Y
H
H
X
X
L
X
X
H
H
L
All other combinations
H
H = High level (steady state)
L = Low level (steady state)
X = don’t care



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com