Electronic Components Datasheet Search
  English  ▼

X  

8102167 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8102167
Description  Electric cylinder unit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8102167 Datasheet(HTML) 2 Page - Festo Corporation.

  8102167 Datasheet HTML 1Page - Festo Corporation. 8102167 Datasheet HTML 2Page - Festo Corporation. 8102167 Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Feature
Value
Rotor position sensor resolution
16 bit
Permissible voltage fluctuations
+/- 15 %
Power supply, type of connection
Plug
Power supply, connection technology
M12x1, T-coded as per EN 61076-2-111
Power supply, number of pins/wires
4
Power supply, connection pattern
00995989
Certification
RCM compliance mark
KC characters
KC EMC
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK instructions for EMC
To UK RoHS instructions
Vibration resistance
Transport application test with severity level 1 as per FN 942017-4 and
EN 60068-2-6
Shock resistance
Shock test with severity level 1 as per FN 942017-5 and EN 60068-2-27
Corrosion resistance class (CRC)
0 - No corrosion stress
LABS conformity
VDMA24364 zone III
Storage temperature
-20 °C ... 60 °C
Relative air humidity
0 - 90 %
Degree of protection
IP40
Protection class
III
Ambient temperature
0 °C ... 50 °C
Note on ambient temperature
Above an ambient temperature of 30°C, the power must be reduced by
2% per K.
Impact energy in the end positions
0.016 J
Max. torque Mx
0 Nm
Max. torque My
1 Nm
Max. torque Mz
1 Nm
Max. feed force Fx
150 N
Guide value for payload, horizontal
10 kg
Guide value for payload, vertical
5 kg
Feed constant
32 mm/U
Reference value, running performance
800 km
Maintenance interval
Life-time lubrication
Moving mass at 0 mm stroke
188 g
Additional weight per 10 mm stroke
45 g
Basic weight with 0 mm stroke
1350 g
Product weight
1710 g
Additional moving mass per 10 mm stroke
9.75 g
Number of digital logic outputs 24 V DC
2
Number of digital logic inputs
2
Logic input specification
Based on IEC 61131-2, type 1
Work range of logic input
24 V
Characteristics of logic input
Configurable
Not galvanically isolated
IO-Link®, SIO mode support
Yes
IO-Link®, protocol version
Device V 1.1
IO-Link®, communication mode
COM3 (230.4 kBd)
IO-Link®, port class
A
IO-Link®, number of ports
1
IO-Link®, process data width OUT
2 Byte
IO-Link®, process data content OUT
1 bit (move in)
1 bit (move out)
1 bit (quit error)
IO-Link®, process data width IN
2 Byte
5/16/22 - Subject to change - Festo SE & Co. KG
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com