Electronic Components Datasheet Search
  English  ▼

X  

32AIA010ML Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # 32AIA010ML
Description  OPTIGA??Trust M
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

32AIA010ML Datasheet(HTML) 4 Page - Infineon Technologies AG

  32AIA010ML Datasheet HTML 1Page - Infineon Technologies AG 32AIA010ML Datasheet HTML 2Page - Infineon Technologies AG 32AIA010ML Datasheet HTML 3Page - Infineon Technologies AG 32AIA010ML Datasheet HTML 4Page - Infineon Technologies AG 32AIA010ML Datasheet HTML 5Page - Infineon Technologies AG 32AIA010ML Datasheet HTML 6Page - Infineon Technologies AG 32AIA010ML Datasheet HTML 7Page - Infineon Technologies AG 32AIA010ML Datasheet HTML 8Page - Infineon Technologies AG 32AIA010ML Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
Datasheet
4
Revision 3.10
2020-09-24
OPTIGA™ Trust M
Error! Bookmark not defined.
ty name. MERGEFORMAT 2019
Introduction
e \* MERGEF2020-09-24
Error! Bookmark not defined.
property name.ry
1
Introduction
As embedded systems (e.g. IoT devices) are increasingly gaining the attention of attackers, Infineon offers the
OPTIGA™ Trust M as a turnkey security solution for industrial automation systems, smart homes, consumer
devices and medical devices. This high-end security controller comes with full system integration support for
easy and cost-effective deployment of high-end security for your assets.
1.1
Broad range of benefits
Integrated into your device, the OPTIGA™ Trust M supports protection of your brand and business case,
differentiates your product from your competitors, and adds value to your product, making it stronger against
cyberattacks.
1.2
Enhanced security
The OPTIGA™ Trust M is based on an advanced security controller with built-in tamper proof NVM for secure
storage and Symmetric/Asymmetric crypto engines to support ECC NIST curves up to P-521, ECC Brainpool
curve up to P-512, RSA® up to 2048, AES key up to 256, HMAC up to SHA512, HKDF up to SHA512 and SHA-256.
This new security technology greatly enhances your overall system security.
1.3
Fast and easy integration
The turnkey setup – with full system integration and all key/certificate material preprogrammed – reduces your
efforts for design, integration and deployment to a minimum. As a turnkey solution, the OPTIGA™ Trust M
comes with preprogrammed OS/Application code locked and with host-side modules to integrate with host
micro controller software. The temperature range of −40°C to +105°C combined with a standardized I2C
interface and the small PG-USON-10-2,-4 footprints will facilitate onboarding in your existing ecosystem.
Almost 30 years in a market-leading position with nearly 20 billion security controllers shipped worldwide are
the results of Infineon's strong expertise and its commitment to make security a success factor for you.
1.4
Applications
The OPTIGA™ Trust M covers a broad range of use cases necessary for many types of applications that include
the following:
a)
Network node protection using Mutual Authentication such as TLS or DTLS
b)
Protect the Authenticity, Integrity and Confidentiality of your product, data and IP
c)
Secure Communication
d)
Datastore Protection
e)
Lifecycle Management
f)
Platform Integrity Protection
g)
Secure Updates
1.5
Device Features
The OPTIGA™ Trust M comes with up to 10kB of user memory that can be used to store X.509 certificates and
data. OPTIGA™ Trust M is based on Common Criteria (CC) Certified EAL6+ (high) hardware enabling it to prevent
physical attacks on the device itself and providing high assurance that the keys or arbitrary data stored cannot
be accessed by an unauthorized entity. The CC certificate can be found at www.bsi.bund.de by searching for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com