Electronic Components Datasheet Search
  English  ▼

X  

SVB-SC Datasheet(PDF) 1 Page - ETA-USA

Part # SVB-SC
Description  50W Isolated Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA

SVB-SC Datasheet(HTML) 1 Page - ETA-USA

  SVB-SC Datasheet HTML 1Page - ETA-USA SVB-SC Datasheet HTML 2Page - ETA-USA SVB-SC Datasheet HTML 3Page - ETA-USA  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
50W
ETA-USA
16170 Vineyard Blvd. Suite 180 Morgan Hill, CA 95037 http://www.eta-usa.com
Toll-free (US only): 800-ETA-POWR (800-382-7697) Telephone: 408 778-2793 FAX: 408-779-2753
The Power Professionals
ETA-USA
SVB-SC
FEATURES
Current Limiting with automatic recovery
by internal fuse
by internal fuse
0.3mS(typical)
50mS(maximum) at 25°C and rated input/output
0.8
1.7
2.7
3.3
8
+/-10% of Rated Output Voltage (at no load within input range)
150
384
192
120
96
40
45
150
Current Limiting with automatic recovery
8.8
Output shutdown (to reset, leave 1minute after shutdown)
5.5
• Very small (one of the smallest
in Japan)
• No derating when mounted on
a horizontal surface
• Low impedance capacitors
• Over voltage protection
• EMI: Complies with FCC/A
• Isolated Power Supply
Output Voltage 12V
MODEL/CHANNEL
Unit
OUTPUT
(Single)
MODEL/CHANNEL
Unit
OUTPUT
(Single)
V
-
Function Over Current Protection
A
Over Voltage Protection
105% of Rated Output Current
115% of Rated Output Voltage
SVB12-
SC12
SVB05-
SC12
SVB15-
SC12
SVB24-
SC12
SVB48-
SC12
SVB12-
SC24/48
SVB05-
SC24/48
SVB15-
SC24/48
SVB24-
SC24/48
SVB48-
SC24/48
Reverse Voltage Protection
1.21
2.75
3.74
4.73
11
52.8
26.4
16.5
Output shutdown(to reset, leave 1 minute after shutdown)
13.2
5.5
580
340
250
220
-
-
-
-
48
24
15
12
5
Voltage Adjustment Range
Rise Time
Vdc
Ripple and Noise
mVp
-
Recovery Time
-
-
Line Regulation
Drift
Load Regulation
Dynamic Load Regulation
mV
mV
mV
mVp
Output Current
A
Output Voltage (24V &48V)
48
24
15
12
5
+/-10% of Rated Output Voltage(at no load within input range)
1.1
2.5
3.4
4.3
10
40
45
0.3mS(typical)
Voltage Adjustment Range
Rise Time
Vdc
Ripple and Noise
mVp
-
-
Recovery Time
-
-
-
Line Regulation
Load Regulation
mV
mVp
Output Current
A
432
216
135
108
384
192
120
96
580
340
250
220
150
50mS(maximum) at 25°C and rated input/output
Function Over Current Protection
A
Over Voltage Protection
105% of Rated Output Current
115% of Rated Output voltage
Reverse Voltage Protection
52.8
26.4
0.88
1.87
2.97
16.5
3.63
13.2
432
216
135
108
1440
720
450
255
135
90
75
40
360


Similar Part No. - SVB-SC

ManufacturerPart #DatasheetDescription
logo
ETA-USA
SVB-SA ETA-USA-SVB-SA Datasheet
665Kb / 4P
50 WATT AC-DC CONVERTER
SVB-SB ETA-USA-SVB-SB Datasheet
570Kb / 3P
50 WATT AC-DC CONVERTER
SVB-SD ETA-USA-SVB-SD Datasheet
2Mb / 3P
50W Isolated Power Supply
More results

Similar Description - SVB-SC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4192II SANYO-STK4192II Datasheet
253Kb / 8P
AF Power Amplifier (Split Power Supply) (50W 50W min, THD = 0.4%)
logo
Mean Well Enterprises C...
ID-50 MEANWELL-ID-50 Datasheet
354Kb / 2P
50W Isolated Dual Output Switching Power Supply
NED-50 MEANWELL-NED-50_10 Datasheet
425Kb / 2P
50W Dual Output Switching Power Supply
RT-50 MEANWELL-RT-50_11 Datasheet
416Kb / 2P
50W Triple Output Switching Power Supply
RQ-50 MEANWELL-RQ-50_11 Datasheet
239Kb / 2P
50W Quad Output Switching Power Supply
RID-50 MEANWELL-RID-50_11 Datasheet
417Kb / 2P
50W Dual Output Switching Power Supply
NET-50 MEANWELL-NET-50_11 Datasheet
427Kb / 2P
50W Triple Output Switching Power Supply
logo
Astrodyne Corporation
LPS50 ASTRODYNE-LPS50 Datasheet
314Kb / 4P
50W Single Output Switching Power Supply
logo
ETA-USA
SVB-SD ETA-USA-SVB-SD Datasheet
2Mb / 3P
50W Isolated Power Supply
VTB-SC ETA-USA-VTB-SC Datasheet
8Mb / 3P
50W Isolated Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com