Electronic Components Datasheet Search
  English  ▼

X  

ACCESSORIES Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ACCESSORIES
Description  Aluminum Electrolytic Capacitors - Accessories (Vishay BCcomponents)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ACCESSORIES Datasheet(HTML) 2 Page - Vishay Siliconix

  ACCESSORIES Datasheet HTML 1Page - Vishay Siliconix ACCESSORIES Datasheet HTML 2Page - Vishay Siliconix ACCESSORIES Datasheet HTML 3Page - Vishay Siliconix ACCESSORIES Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Accessories
www.vishay.com
Vishay BCcomponents
Revision: 15-Feb-2022
2
Document Number: 28348
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters AND AVAILABLE FORMS
Fig. 1 - Dimensional outline of clamp for case Ø D = 35 mm
Fig. 2 - Dimensional outline of clamp for case Ø D = 50 mm
Fig. 3 - Dimensional outline of clamp for case Ø D = 65 mm
Fig. 4 - Dimensional outline of clamp for case Ø D = 76 mm
Fig. 5 - Dimensional outline of clamp for case Ø D = 90 mm
Ø 4.5 ± 0.1
12 ± 0.5
63
35
51.5 ± 0.2
12 ± 0.5
6 ± 1
1
35°
23.5 10
0
-0.5
4.5
12.05
11.05
7
6
1
Ø 4.4 min
12.5 max.
4 min.
60°
60°
10.5
50
49
67.5
66.5
80 max.
12.5
11.5
7
6
1
Ø 4.4 min.
65
64
88.5
87.5
101 max.
12.5 max.
4.5
60°
60°
10.5
19
28.5
1
D
15°
12.5
89
99
4.5
7
120°
11
5.5
30 ± 1
24 ± 0.5
4.5
120°(3 x)
4.5 ± 0.5
Ø 90
Ø 101.6 ± 0.5
Ø 111.1 ± 1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com