Electronic Components Datasheet Search
  English  ▼

X  

ASERIES Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ASERIES
Description  Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ASERIES Datasheet(HTML) 4 Page - Vishay Siliconix

  ASERIES Datasheet HTML 1Page - Vishay Siliconix ASERIES Datasheet HTML 2Page - Vishay Siliconix ASERIES Datasheet HTML 3Page - Vishay Siliconix ASERIES Datasheet HTML 4Page - Vishay Siliconix ASERIES Datasheet HTML 5Page - Vishay Siliconix ASERIES Datasheet HTML 6Page - Vishay Siliconix ASERIES Datasheet HTML 7Page - Vishay Siliconix ASERIES Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
A Series
www.vishay.com
Vishay BCcomponents
Revision: 20-Aug-13
4
Document Number: 45164
For technical questions, contact: cmll@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Lead diameter is 0.5 mm
•# 5th digit is capacitance tolerance code: ± 10 % = K; ± 20 % = M
•# 13th, 14th and 15th digits are packaging code: Reel = TAA; Ammo = UAA
DIELECTRIC X7R
CAP.
(pF)
50 VDC
100 VDC
200 VDC
500 VDC
100
A101#15X7RF5###
A101#15X7RH5###
A101#15X7RK5###
A101#15X7RL5###
120
A121#15X7RF5###
A121#15X7RH5###
A121#15X7RK5###
A121#15X7RL5###
150
A151#15X7RF5###
A151#15X7RH5###
A151#15X7RK5###
A151#15X7RL5###
180
A181#15X7RF5###
A181#15X7RH5###
A181#15X7RK5###
A181#15X7RL5###
220
A221#15X7RF5###
A221#15X7RH5###
A221#15X7RK5###
A221#15X7RL5###
270
A271#15X7RF5###
A271#15X7RH5###
A271#15X7RK5###
A271#15X7RL5###
330
A331#15X7RF5###
A331#15X7RH5###
A331#15X7RK5###
A331#15X7RL5###
390
A391#15X7RF5###
A391#15X7RH5###
A391#15X7RK5###
A391#15X7RL5###
470
A471#15X7RF5###
A471#15X7RH5###
A471#15X7RK5###
A471#15X7RL5###
560
A561#15X7RF5###
A561#15X7RH5###
A561#15X7RK5###
A561#15X7RL5###
680
A681#15X7RF5###
A681#15X7RH5###
A681#15X7RK5###
A681#15X7RL5###
820
A821#15X7RF5###
A821#15X7RH5###
A821#15X7RK5###
A821#15X7RL5###
1000
A102#15X7RF5###
A102#15X7RH5###
A102#15X7RK5###
A102#15X7RL5###
1200
A122#15X7RF5###
A122#15X7RH5###
A122#15X7RK5###
A122#15X7RL5###
1500
A152#15X7RF5###
A152#15X7RH5###
A152#15X7RK5###
A152#15X7RL5###
1800
A182#15X7RF5###
A182#15X7RH5###
A182#15X7RK5###
A182#15X7RL5###
2200
A222#15X7RF5###
A222#15X7RH5###
A222#15X7RK5###
A222#15X7RL5###
2700
A272#15X7RF5###
A272#15X7RH5###
A272#15X7RK5###
A272#15X7RL5###
3300
A332#15X7RF5###
A332#15X7RH5###
A332#15X7RK5###
A332#20X7RL5###
3900
A392#15X7RF5###
A392#15X7RH5###
A392#15X7RK5###
A392#20X7RL5###
4700
A472#15X7RF5###
A472#15X7RH5###
A472#15X7RK5###
A472#20X7RL5###
5600
A562#15X7RF5###
A562#15X7RH5###
A562#15X7RK5###
A562#20X7RL5###
6800
A682#15X7RF5###
A682#15X7RH5###
A682#15X7RK5###
A682#20X7RL5###
8200
A822#15X7RF5###
A822#15X7RH5###
A822#15X7RK5###
A822#20X7RL5###
10 000
A103#15X7RF5###
A103#15X7RH5###
A103#15X7RK5###
A103#20X7RL5###
12 000
A123#15X7RF5###
A123#15X7RH5###
A123#15X7RK5###
A123#20X7RL5###
15 000
A153#15X7RF5###
A153#15X7RH5###
A153#15X7RK5###
A153#20X7RL5###
18 000
A183#15X7RF5###
A183#15X7RH5###
A183#15X7RK5###
A183#20X7RL5###
22 000
A223#15X7RF5###
A223#15X7RH5###
A223#15X7RK5###
A223#20X7RL5###
27 000
A273#15X7RF5###
A273#20X7RH5###
A273#20X7RK5###
A273#20X7RL5###
33 000
A333#15X7RF5###
A333#20X7RH5###
A333#20X7RK5###
A333#20X7RL5###
39 000
A393#15X7RF5###
A393#20X7RH5###
A393#20X7RK5###
-
47 000
A473#15X7RF5###
A473#20X7RH5###
A473#20X7RK5###
-
56 000
A563#15X7RF5###
A563#20X7RH5###
-
-
68 000
A683#15X7RF5###
A683#20X7RH5###
-
-
82 000
A823#15X7RF5###
A823#20X7RH5###
-
-
100 000
A104#15X7RF5###
A104#20X7RH5###
-
-
150 000
A154#20X7RF5###
A154#20X7RH5###
-
-
220 000
A224#20X7RF5###
A224#20X7RH5###
-
-
330 000
A334#20X7RF5###
-
-
-
470 000
A474#20X7RF5###
-
-
-
560 000
A564#20X7RF5###
-
-
680 000
A684#20X7RF5###
-
-
-
1 000 000
A105#20X7RF5###
-
-
-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com