Electronic Components Datasheet Search
  English  ▼

X  

DSERIES Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DSERIES
Description  Ceramic Singlelayer DC Disc Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DSERIES Datasheet(HTML) 2 Page - Vishay Siliconix

  DSERIES Datasheet HTML 1Page - Vishay Siliconix DSERIES Datasheet HTML 2Page - Vishay Siliconix DSERIES Datasheet HTML 3Page - Vishay Siliconix DSERIES Datasheet HTML 4Page - Vishay Siliconix DSERIES Datasheet HTML 5Page - Vishay Siliconix DSERIES Datasheet HTML 6Page - Vishay Siliconix DSERIES Datasheet HTML 7Page - Vishay Siliconix DSERIES Datasheet HTML 8Page - Vishay Siliconix DSERIES Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
D Series
www.vishay.com
Vishay BCcomponents
Revision: 26-Oct-17
2
Document Number: 28549
For technical questions, contact: cdc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Lead-spacing 2.5 mm is available for L lead configuration only.
Note
• Refer to specified part for detail marking.
LEAD CONFIGURATION (in millimeters)
MARKING
Size 20
Size 25
Size 29 and above
ORDERING CODE INFORMATION
D
102
K
25
Y5P
L
6
3
J
5
R
1
2 3 4
5
6 7
8 9 10
11
12
13
14
15
16
Product
Type
Capacitance
(pF)
Capacitance
Tolerance
Size
Code
T.C.
Code
Rated
Voltage
Lead
Diameter
Packaging /
Lead Length
Lead
Style
Lead
Spacing
RoHS
Compliant
D series
The first two
digits are the
significant
figures of
capacitance and
the last digit is a
multiplier as
follows:
0 = * 1
1 = * 10
2 = * 100
3 = * 1000
C = ± 0.25 pF
G = ± 2 %
J = ± 5 %
K = ± 10 %
M = ± 20 %
Z = +80 % /
-20 %
Please
refer to
relevant
datasheet
Please
refer to
relevant
datasheet
F = 50 VDC
H = 100 VDC
L = 500 VDC
6 = 0.60 mm
± 0.05 mm
3 = bulk
T = tape
and reel
U = ammo
Please
refer to
relevant
datasheet
2 = 2.5 mm
5 = 5.0 mm
6 = 6.4 mm
7 = 7.5 mm
T
DR
L
G
F
D
JL
K
K
SH
L
G
F
D
SH
L
F
G
D
SH
L
F
G
K
*
D
θ
TTT
XXX
VVVV
TTT
XXX
VVVV
BC
TTT
XXXt
VVVV



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com